Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJP01-1003GB Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # CJP01-1003GB
Description  THICK FILM CHIP RESISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CJP01-1003GB Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  CJP01-1003GB Datasheet HTML 1Page - American Accurate Components, Inc. CJP01-1003GB Datasheet HTML 2Page - American Accurate Components, Inc. CJP01-1003GB Datasheet HTML 3Page - American Accurate Components, Inc. CJP01-1003GB Datasheet HTML 4Page - American Accurate Components, Inc. CJP01-1003GB Datasheet HTML 5Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
American Accurate Components, Inc.
THICK FILM CHIP RESISTORS
The content of this specification may change without notification 10/04/07
188 Technology Drive Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
Email: sales@aacix.com
1
Custom solutions are available.
Tin / Tin Lead / Silver Palladium Non-Magnetic / Gold Terminations Available
HOW TO ORDER
CR
G
10- 1003
F
M
Packaging
M = 7” Reel
B = Bulk
V = 13” Reel
Tolerance (%)
J = +5 G = +2 F = +1
EIA Resistance Value
Standard Decade Values
Size
00 = 01005
10 = 0805
01 = 2512
20 = 0201
18 = 1206
01P = 2512-P
05 = 0402
14 = 1210
16 = 0603
12 = 2010
Termination Material
Sn = Leave Blank
Au = G
SnPb = T
AgPd = P
Series
CJ = Jumper
CR = Resistor
SCHEMATIC
Wrap Around Terminal
CR, CJ, CRP, CJP type
Top Side Termination, Bottom Isolated
CRG, CJG type
DIMENSIONS (mm)
Size
Size Code
L
W
c
d
t
01005
00
0.40 + 0.02
0.20 + 0.02
0.08 + 0.03
0.10 + 0.03
0.12 + 0.02
0201
20
0.60 + 0.03
0.30 + 0.03
0.10 + 0.05
0.15 + 0.05
0.25 + 0.05
0402
05
1.00 + 0.05
0.5+0.1-0.05
0.20 + 0.10
0.25+0.05-0.10
0.35 + 0.05
0603
16
1.60 + 0.10
0.80 + 0.10
0.20 + 0.10
0.30+0.20-0.10
0.50 + 0.10
0805
10
2.00 + 0.15
1.25 + 0.15
0.40 + 0.25
0.30+0.20-0.10
0.50 + 0.15
1206
18
3.20 + 0.15
1.60 + 0.15
0.45 + 0.25
0.40+0.20-0.10
0.60 + 0.15
1210
14
3.20 + 0.20
2.60 + 0.20
0.50 + 0.30
0.40+0.20-0.10
0.60 + 0.10
2010
12
5.00 + 0.20
2.50 + 0.20
0.50 + 0.30
0.50+0.20-0.10
0.60 + 0.10
2512
01
6.30 + 0.20
3.10 + 0.20
0.50 + 0.30
0.50+0.20-0.10
0.60 + 0.15
2512-P
01P
6.50 + 0.30
3.20 + 0.20
0.60 + 0.30
1.50 + 0.30
0.60 + 0.10
ELECTRICAL SPECIFICATIONS for CHIP RESISTORS
Size
01005
0201
0402
Power Rating (EIA 575)
0.031 (1/32) W
0.05 (1/20) W
0.063(1/16) W
Working Voltage*
15V
25V
50V
Overload Voltage
30V
50V
100V
Tolerance (%)
±5
±1
±2
±5
±1
±2
±5
EIA Values
E-24
E-96
E-24
E-96
E-24
Resistance
10 ~ 1.0M
10 ~ 1M
1.0~9.1, 10~10M
1.0~9.1, 10~10M
1.0~9.1, 10~10M
TCR (ppm/
°C)
± 250
± 200
+600
-200, ± 200
+500
-200, ± 200
+500
-200, ± 200
Operating Temp.
-55
°C ~ +125°C
-55
°C ~ +125°C
-55
°C ~ +125°C
Wrap Around
Termination Material:
Sn
or SnPb
or AgPd
Ceramic Substrate
Resistive Element
Overcoat
Conductor
Wire Bond Pads
Terminal
Material: Au
FEATURES
Excellent stability over a wide range of
environmental conditions
CR and CJ types in compliance with RoHs
CRP and CJP non-magnetic types
constructed with AgPd
Terminals, Epoxy Bondable
CRG and CJG types constructed top side
terminations, wire bond pads, with Au
termination material.
Operating temperature -55
°C ~ +125°C
Appl. Specifications: EIA 575, IEC 60115-1,
JIS 5201-1, and MIL-R-55342G
SO/ S
C
f


Similar Part No. - CJP01-1003GB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CJP011000DB ETC1-CJP011000DB Datasheet
195Kb / 4P
   THICK FILM CHIP RESISTORS
CJP011000DM ETC1-CJP011000DM Datasheet
195Kb / 4P
   THICK FILM CHIP RESISTORS
CJP011000DV ETC1-CJP011000DV Datasheet
195Kb / 4P
   THICK FILM CHIP RESISTORS
CJP011000FB ETC1-CJP011000FB Datasheet
195Kb / 4P
   THICK FILM CHIP RESISTORS
CJP011000FM ETC1-CJP011000FM Datasheet
195Kb / 4P
   THICK FILM CHIP RESISTORS
More results

Similar Description - CJP01-1003GB

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com