Electronic Components Datasheet Search |
|
CRL05R20JKM Datasheet(PDF) 1 Page - American Accurate Components, Inc. |
|
CRL05R20JKM Datasheet(HTML) 1 Page - American Accurate Components, Inc. |
|
1 / 1 page American Accurate Components, Inc. CURRENT SENSE RESISTORS The content of this specification may change without notification 09/24/08 188 Technology Drive, Unit H, Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889 1 Custom solutions are available. CRL Series - Low Ohm Surface Mount Chip Resistors HOW TO ORDER CRL10 R020 J N M Packaging M = Tape/Reel B = Bulk TCR (PPM/ °C) K=+100 L=+200 N=+300 O=+400 Q=+600 Tolerance (%) F = +1 G = +2 J = +5 EIA Resistance Value Standard decade values Series Size CRL05 = 0402 CRL12 = 2010 CRL16 = 0603 CRL01 = 2512 CRL10 = 0805 CRL01P = 2512 CRL18 = 1206 CRL1S = 3720 CRL14 = 1210 CRL02 = 7520 DERATING CURVE DIMENSIONS (mm) Size L W D1 D2 Tt 0402 1.00 + 0.05 0.50 + 0.05 0.25 + 0.10 0.20 + 0.10 0.32 + 0.05 0603 1.60 + 0.10 0.80 + 0.10 0.30 + 0.20 0.30 + 0.20 0.45 + 0.10 0805 2.00 + 0.15 1.25 + 0.15 0.30 + 0.20 0.30 + 0.20 0.50 + 0.10 1206 3.10 + 0.15 1.55 + 0.15 0.50 + 0.30 0.40 + 0.20 0.60 + 0.10 1210 3.20 + 0.20 2.50 + 0.20 – 0.10 0.50 + 0.20 0.50 + 0.20 0.60 + 0.10 2010 5.00 + 0.15 2.50 + 0.15 0.60 + 0.30 0.50 + 0.25 0.60 + 0.10 2512 6.30 + 0.15 3.10 + 0.15 0.60 + 0.30 0.50 + 0.25 0.60 + 0.10 2512-P 6.30 + 0.20 3.20 + 0.20 0.70 + 0.30 2.20 + 0.20 0.60 + 0.10 3720 3.75 + 0.20 2.00 + 0.20 0.40+ 0.20 0.40 + 0.20 0.60 + 0.10 7520 7.50 + 0.20 2.00 + 0.20 0.40+ 0.20 0.40 + 0.20 0.60 + 0.10 ELECTRICAL CHARACTERISTICS Max TCR (ppm/ °C) Per Resistance Range in Ω Size Tolerance (%) ±600 ±400 ±300 ±200 ±100 Rated Power 0402 ±1, ±2, ±5 0.021 ~ 0.049 0.050 ~ 0.910 1/16 W 0603 ±1, ±2, ±5 0.020 ~ 0.050 0.021 ~ 0.049 0.050 ~ 0.910 1/8 W 0805 ±1, ±2, ±5 0.020 ~ 0.050 0.021 ~ 0.049 0.050 ~ 0.910 1/4 W 1206 ±1, ±2, ±5 0.021 ~ 0.049 0.050 ~ 0.910 1/2 W 1210 ±1, ±2, ±5 0.100 ~ 0.18 0.200 ~ 1.00 1/2W 2010 ±1, ±2, ±5 0.021 ~ 0.049 0.050 ~ 0.910 3/4 W 2512 ±1, ±2, ±5 0.021 ~ 0.049 0.050 ~ 0.910 1 W 2512-P ±1, ±2, ±5 0.100 ~ 1.00* 2W 3720 ±1, ±2, ±5 0.010 ~ 0.050 1 W 7520 ±1, ±2, ±5 0.001 ~ 0.010 2 W PERFORMANCE Item Specification Test Method Temp. Coefficient of Resistance As Spec MIL-STD-202F, Method 304 304 +25/-55/+25/+125/+25 °C Short Time Overload ±(0.5% + 0.05Ω) JIS-C-5202-5.5 RCWV*2.5orMax Overloading Voltage 5 seconds Dielectric Withstand Voltage By type MIL-STD-202F, Method 301 Apply Max Overload Voltage for 1 minute Insulation Resistance >1000M Ω MIL-STD-202F, Method 302 Apply 100VDC for 1 minute Thermal Shock ±(0.5% + 0.05Ω) MIL-STD-202F, Method 107G -55 °C ~ + 150°C, 100 cycles Load Life ±(1% + 0.05Ω) MIL-STD-202F, Method 108A RCWV 70 °C, 1.5 hrs ON, 0.5 hrs off, 1000 ~ 1048 hrs Humidity (Stable State) ±(1% + 0.05Ω) MIL-STD-202F, Method 103B 40°C, 90~95%RH , RCWV 1.5 hrs ON, 0.5 hrs OFF, total 1000 ~ 1048 hrs Resistance to Dry Heat ±(0.5% + 0.05Ω) JIS-C-5202 7.2 96 hours @ +125 °C without load Low Temperature Operation ±(0.5% + 0.05Ω) JIS-C-5202 7.1 1 hour, -65 °C followed by 45 minutes if RCWV Bending Strength ±(0.5% + 0.05Ω) JIS-C-5202 6.1.4 Bending Amplitude 3mm for 10 seconds Solderability 95% min. Coverage MIL-STD-202F, Method 208H 235 °C±5°C, 2±0.5 (sec) Resistance to Soldering Heat ±(0.5% + 0.05Ω) MIL-STD-202F, Method 210E 260±5 °C ,10±1second FEATURES Resistance Tolerances as low as +1% TCR as low as + 100ppm Wrap Around Terminal for Flow Soldering Anti-Leaching Nickel Barrier Terminations RoHS Compliant Applicable Specifications: EIA575, MIL-R-55342F, and CECC40401 |
Similar Part No. - CRL05R20JKM |
|
Similar Description - CRL05R20JKM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |