Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2903D Datasheet(PDF) 4 Page - Motorola, Inc

Part # LM2903D
Description  SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2903D Datasheet(HTML) 4 Page - Motorola, Inc

  LM2903D Datasheet HTML 1Page - Motorola, Inc LM2903D Datasheet HTML 2Page - Motorola, Inc LM2903D Datasheet HTML 3Page - Motorola, Inc LM2903D Datasheet HTML 4Page - Motorola, Inc LM2903D Datasheet HTML 5Page - Motorola, Inc LM2903D Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LM393, LM393A, LM293, LM2903, LM2903V
4
MOTOROLA ANALOG IC DEVICE DATA
LM293/393,A
LM2903
Figure 1. Input Bias Current versus
Power Supply Voltage
Figure 2. Input Bias Current versus
Power Supply Voltage
Figure 3. Output Saturation Voltage
versus Output Sink Current
Figure 4. Output Saturation Voltage
versus Output Sink Current
Figure 5. Power Supply Current versus
Power Supply Voltage
Figure 6. Power Supply Current versus
Power Supply Voltage
VCC, SUPPLY VOLTAGE (Vdc)
VCC, SUPPLY VOLTAGE (Vdc)
VCC, SUPPLY VOLTAGE (Vdc)
VCC, SUPPLY VOLTAGE (Vdc)
ISink, OUTPUT SINK CURRENT (mA)
ISink, OUTPUT SINK CURRENT (mA)
80
70
60
50
40
30
20
10
0
0
5.0
10
15
20
25
30
35
40
80
70
60
50
40
30
20
10
0
0
5.0
10
15
20
25
30
35
40
10
1.0
0.1
0.01
0.001
0.01
0.1
1.0
10
100
1.0
0.8
0.6
0.4
0.2
0
5.0
10
15
20
25
30
35
40
1.2
0.4
10
1.0
0.1
0.01
0.001
0.01
0.1
1.0
10
100
0
5.0
10
15
20
25
30
35
40
TA = 0° C
TA = +25° C
TA = +25° C
TA = +85° C
TA = –40° C
TA = +70° C
TA = +125°C
RL = R
TA = 0° C
TA = +25° C
TA = +25° C
TA = 0° C
TA = +25° C
TA = –40° C
TA = –40° C
TA = 0° C
TA = +25° C
TA = +85° C
1.0
0.8
0.6
TA = +125°C
RL = R
TA = –55° C
TA = +70° C
TA = +125°C
TA = –55° C
Out of
Saturation
TA = +85° C
Out of
Saturation
TA = –55° C
TA = 0° C


Similar Part No. - LM2903D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM2903D PHILIPS-LM2903D Datasheet
121Kb / 6P
   Low power dual voltage comparator
1995 Nov 27
logo
Texas Instruments
LM2903D TI1-LM2903D Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
logo
STMicroelectronics
LM2903D STMICROELECTRONICS-LM2903D Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Texas Instruments
LM2903D TI1-LM2903D Datasheet
1Mb / 40P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM2903D TI-LM2903D Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
More results

Similar Description - LM2903D

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
logo
Touchstone Semiconducto...
TSM931 TOUCHSTONE-TSM931 Datasheet
1Mb / 20P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Silicon Laboratories
TSM971 SILABS-TSM971 Datasheet
1Mb / 19P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX971 MAXIM-MAX971 Datasheet
325Kb / 17P
   Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
Rev 3; 2/03
logo
Silicon Laboratories
TSM931 SILABS-TSM931 Datasheet
1Mb / 21P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Touchstone Semiconducto...
TSM971 TOUCHSTONE-TSM971 Datasheet
1Mb / 18P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX976 MAXIM-MAX976 Datasheet
120Kb / 8P
   Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators
Rev 1; 1/98
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com