Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11-MD142 Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # 11-MD142
Description  Multi-Channels Motor Driver For DSC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

11-MD142 Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  11-MD142 Datasheet HTML 1Page - Silicon Touch Technology Inc. 11-MD142 Datasheet HTML 2Page - Silicon Touch Technology Inc. 11-MD142 Datasheet HTML 3Page - Silicon Touch Technology Inc. 11-MD142 Datasheet HTML 4Page - Silicon Touch Technology Inc. 11-MD142 Datasheet HTML 5Page - Silicon Touch Technology Inc. 11-MD142 Datasheet HTML 6Page - Silicon Touch Technology Inc. 11-MD142 Datasheet HTML 7Page - Silicon Touch Technology Inc. 11-MD142 Datasheet HTML 8Page - Silicon Touch Technology Inc. 11-MD142 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
11-MD142
SP-MD142-A.003
Version
:A.003
Page
:3
Absolute Maximum Ratings ( Unless otherwise noted, TA= 25)
Characteristic
Symbol
Rating
Unit
VDD
5.5
V
Supply Voltage
VB
5.5
V
Input Voltage
VIN
VDD+0.4
V
IO Peak Current
IOPeak
1.5
A
IODC Current
IODC
550
mA
Power Dissipation
PD
800
mW
Operating Temperature Range
TOPR
-40 ~ 125
°C
Storage Temperature Range
TSTG
-65 ~ 150
°C
Electrical Characteristic
(Unless otherwise noted, TA= 25, Ra + Rb = 10 kΩ & VDD = VB = 3V )
Limit
Characteristic
Sym.
Condition
Min.
Typ.
Max.
Unit
VDD
2.2
3
5.5
V
Supply Voltage
VB
-
3
5.5
V
ISTB
VEN1~ EN2 =L; VIN1~ IN4 =L
-
0.1
1
μA
IDD1
VEN1~ EN2 = LH
-
0.8
1.5
mA
IDD2
VEN1~ EN2 = HL
-
0.6
1.0
mA
Supply Current
( IDD )
IDD3
VEN1~ EN2 = HH
-
0.6
1.0
mA
Reference Voltage Circuit
Reference Voltage
Vref
VDD = 3V ; Iref = -1mA
1.19
1.23
1.27
V
EN1~2 / IN1~4 Input Terminal
( TJ = 25℃)
Input Voltage “H”
VIH
-
0.8*VDD
-
VDD+0.4
V
Input Voltage “L”
VIL
-
-0.4
-
0.2*VDD
V
Input Current “H”
IIH
VIN = VDD
-
-
±5
μA
Input Current “L”
IIL
VIN = 0 V
-
-
±5
μA
AF Output Terminal (OUT2-3,OUT5-6)
Saturation Voltage
(upper + lower)
VSAT1
IOUT = 200 mA
-
0.25
0.4
V
AE Output Terminal (OUT4-5)
Saturation Voltage
(upper + lower)
VSAT2
IOUT = 200 mA
-
0.25
0.4
V


Similar Part No. - 11-MD142

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
11-MD141 SITI-11-MD141 Datasheet
163Kb / 7P
   Low saturation voltage
More results

Similar Description - 11-MD142

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
11-MD152 SITI-11-MD152 Datasheet
223Kb / 15P
   Multi-Channels Motor Driver For DSC
logo
Sanyo Semicon Device
LB8659PL SANYO-LB8659PL Datasheet
267Kb / 16P
   DSC Motor Driver
LB8653T SANYO-LB8653T Datasheet
252Kb / 14P
   DSC Motor Driver
logo
Aimtron Technology
AT5550 AIMTRON-AT5550 Datasheet
264Kb / 10P
   2-Channel Motor Driver for DSC
logo
Princeton Technology Co...
PT5115 PTC-PT5115 Datasheet
205Kb / 3P
   4CH DSC Motor Driver
logo
Global Mixed-mode Techn...
G2207 GMT-G2207 Datasheet
97Kb / 1P
   66 Channels PMU for DSC
logo
Richtek Technology Corp...
RT8750 RICHTEK-RT8750 Datasheet
436Kb / 21P
   42 CH Motor Driver for DSC
logo
Global Mixed-mode Techn...
G2024 GMT-G2024 Datasheet
120Kb / 1P
   1-Channel DC Motor driver for DSC
logo
Aimtron Technology
AT5557 AIMTRON-AT5557 Datasheet
354Kb / 20P
   Serial Input 6CH Motor Driver for DSC
logo
Global Mixed-mode Techn...
G2205 GMT-G2205 Datasheet
71Kb / 1P
   76 Channels PMIC for DSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com