Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD114 Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # MD114
Description  Motor Driver for Mobile Phone
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

MD114 Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  MD114 Datasheet HTML 1Page - Silicon Touch Technology Inc. MD114 Datasheet HTML 2Page - Silicon Touch Technology Inc. MD114 Datasheet HTML 3Page - Silicon Touch Technology Inc. MD114 Datasheet HTML 4Page - Silicon Touch Technology Inc. MD114 Datasheet HTML 5Page - Silicon Touch Technology Inc. MD114 Datasheet HTML 6Page - Silicon Touch Technology Inc. MD114 Datasheet HTML 7Page - Silicon Touch Technology Inc. MD114 Datasheet HTML 8Page - Silicon Touch Technology Inc. MD114 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
SP-MD114-A.006.doc
Version
:A.006
Page
:3
Absolute Maximum Ratings ( Unless otherwise noted, TA= 25
)
Characteristic
Symbol
Rating
Unit
VDD
5.5
V
Supply Voltage
VB
5.5
V
Input Voltage
VIN
VDD+0.4
V
IO Peak Current
IOPeak
1
A
IODC Current
IODC
0.4
A
Power Dissipation
PD
450
mW
Operating Temperature Range
TOPR
-40 ~ 125
°C
Storage Temperature Range
TSTG
-65 ~ 150
°C
Electrical Characteristic
(Unless otherwise noted, TA= 25
& V
DD = VB = 3V)
DFN10
Limit
Characteristic
Sym.
Condition
Min.
Typ.
Max.
Unit
VDD
1.75
3
5.5
V
Supply Voltage
VB
5.5
V
ISTB1
IN1=IN2=IN3=L
0.1
5
μA
ISTB2
IN1=H, IN2=IN3=L
0.3
0.45
mA
Supply Current
( IDD )
IACT
IN2,IN3
L
0.4
0.6
mA
Reference Voltage
Reference Voltage
VRFG
0.19
0.2
0.21
V
IN1,IN2,IN3 Input Terminal ( TJ = 25 )
Input Voltage “H”
VIH
-
0.8*VDD
-
VDD+0.4
V
Input Voltage “L”
VIL
-
-0.4
-
0.2*VDD
V
Input Current “H”
IIH
VIN = VDD
-
-
0.1
μA
Input Current “L”
IIL
VIN = 0 V
-
-
0.1
μA
Output Terminal (O1,O2,O3)
Output Voltage
(upper + lower)
VOUT
IOUT = 200 mA
0.3
0.45
V
Thermal Protection Circuit
Protection Temperature TTSD
IN1=H, IN2, IN3
L
160


Similar Part No. - MD114

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
MD111 SITI-MD111 Datasheet
261Kb / 7P
   Low-saturation, Low-voltage 1.5 Channel Bi-directional Motor Driver
logo
Motorola, Inc
MD1120F MOTOROLA-MD1120F Datasheet
161Kb / 5P
   COMPLEMENTARY DUAL GENERAL PURPOSE TRANSISTOR
MD1121 MOTOROLA-MD1121 Datasheet
161Kb / 5P
   COMPLEMENTARY DUAL GENERAL PURPOSE TRANSISTOR
MD1121F MOTOROLA-MD1121F Datasheet
161Kb / 5P
   COMPLEMENTARY DUAL GENERAL PURPOSE TRANSISTOR
MD1122 MOTOROLA-MD1122 Datasheet
161Kb / 5P
   COMPLEMENTARY DUAL GENERAL PURPOSE TRANSISTOR
More results

Similar Description - MD114

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
11-MD115 SITI-11-MD115 Datasheet
261Kb / 17P
   VCM Driver for Mobile Phone
11-MD215 SITI-11-MD215 Datasheet
209Kb / 10P
   VCM Driver for Mobile Phone
logo
Aimtron Technology
AT5560 AIMTRON-AT5560 Datasheet
331Kb / 10P
   VCM Driver for Mobile Phone
logo
Rohm
BD2812GU ROHM-BD2812GU Datasheet
132Kb / 5P
   RGB Illumination LED Driver for mobile phone
BD1606MVV ROHM-BD1606MVV Datasheet
335Kb / 6P
   6-Parallel white-LED Driver for mobile phone
BD1604MUV ROHM-BD1604MUV_1 Datasheet
282Kb / 5P
   4-Parallel white-LED Driver for mobile phone
BD1601MUV ROHM-BD1601MUV Datasheet
329Kb / 6P
   6-Parallel white-LED Driver for mobile phone
BD1604MVV ROHM-BD1604MVV Datasheet
322Kb / 6P
   4-Parallel white-LED Driver for mobile phone
BD6062GU ROHM-BD6062GU Datasheet
355Kb / 6P
   Flash LED Driver for mobile phone with camera
BD1604MUV ROHM-BD1604MUV Datasheet
317Kb / 6P
   4-Parallel white-LED Driver for mobile phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com