Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIM1600FSS12-A000 Datasheet(PDF) 8 Page - Dynex Semiconductor

Part # DIM1600FSS12-A000
Description  Single Switch IGBT Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM1600FSS12-A000 Datasheet(HTML) 8 Page - Dynex Semiconductor

  DIM1600FSS12-A000 Datasheet HTML 1Page - Dynex Semiconductor DIM1600FSS12-A000 Datasheet HTML 2Page - Dynex Semiconductor DIM1600FSS12-A000 Datasheet HTML 3Page - Dynex Semiconductor DIM1600FSS12-A000 Datasheet HTML 4Page - Dynex Semiconductor DIM1600FSS12-A000 Datasheet HTML 5Page - Dynex Semiconductor DIM1600FSS12-A000 Datasheet HTML 6Page - Dynex Semiconductor DIM1600FSS12-A000 Datasheet HTML 7Page - Dynex Semiconductor DIM1600FSS12-A000 Datasheet HTML 8Page - Dynex Semiconductor DIM1600FSS12-A000 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SEMICONDUCTOR
DIM1600FSS12-A000
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures
8/9
www.dynexsemi.com
PACKAGE DETAILS
For further package information, please visit our website or contact Customer Services. All dimensions in mm,
unless stated otherwise.
DO NOT SCALE.
4 x M8
3 x M4
screwing depth
max 16
screwing depth
max 8
6 x
O7
130 ±0.5
114 ±0.1
57 ±0.25
57 ±0.25
16 ±0.2 18.5 ±0.2
2.5 ±0.2
28 ±0.5
61.4 ±0.3
18 ±0.2
external connection
external connection
7(C)
9(G)
8(E)
1(C)
2(C)
3(E)
4(E)
±0.5
29.2
Nominal weight: 1500g
Module outline type code: F


Similar Part No. - DIM1600FSS12-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM1600FSS12-A000 DYNEX-DIM1600FSS12-A000 Datasheet
351Kb / 8P
   Single Switch IGBT Module
DIM1600FSS12-A000 DYNEX-DIM1600FSS12-A000_10 Datasheet
351Kb / 8P
   Single Switch IGBT Module
DIM1600FSS12-A000 DYNEX-DIM1600FSS12-A000_15 Datasheet
387Kb / 8P
   Single Switch IGBT Module
More results

Similar Description - DIM1600FSS12-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM1800ESM12-A000 DYNEX-DIM1800ESM12-A000 Datasheet
331Kb / 8P
   Single Switch IGBT Module
DIM800XSM45-TS000 DYNEX-DIM800XSM45-TS000 Datasheet
403Kb / 8P
   Single Switch IGBT Module
DIM800XSM45-TS001 DYNEX-DIM800XSM45-TS001 Datasheet
403Kb / 8P
   Single Switch IGBT Module
DIM2400ESM17-A000 DYNEX-DIM2400ESM17-A000_15 Datasheet
373Kb / 8P
   Single Switch IGBT Module
DIM800NSM33-F000 DYNEX-DIM800NSM33-F000_12 Datasheet
365Kb / 8P
   Single Switch IGBT Module
DIM1200FSS12-A000 DYNEX-DIM1200FSS12-A000 Datasheet
350Kb / 8P
   Single Switch IGBT Module
DIM1800ESS12-A000 DYNEX-DIM1800ESS12-A000 Datasheet
368Kb / 8P
   Single Switch IGBT Module
GP1200FSS18 DYNEX-GP1200FSS18 Datasheet
132Kb / 10P
   Single Switch IGBT Module
DIM800XSM33-F000 DYNEX-DIM800XSM33-F000 Datasheet
288Kb / 8P
   Single Switch IGBT Module
DIM2400ESM17-A000 DYNEX-DIM2400ESM17-A000 Datasheet
180Kb / 10P
   Single Switch IGBT Module
DIM800XSM45-TS001 DYNEX-DIM800XSM45-TS001_15 Datasheet
403Kb / 8P
   Single Switch IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com