Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIM300XCM45-F000 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DIM300XCM45-F000
Description  IGBT Chopper Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM300XCM45-F000 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DIM300XCM45-F000_09 Datasheet HTML 1Page - Dynex Semiconductor DIM300XCM45-F000_09 Datasheet HTML 2Page - Dynex Semiconductor DIM300XCM45-F000_09 Datasheet HTML 3Page - Dynex Semiconductor DIM300XCM45-F000_09 Datasheet HTML 4Page - Dynex Semiconductor DIM300XCM45-F000_09 Datasheet HTML 5Page - Dynex Semiconductor DIM300XCM45-F000_09 Datasheet HTML 6Page - Dynex Semiconductor DIM300XCM45-F000_09 Datasheet HTML 7Page - Dynex Semiconductor DIM300XCM45-F000_09 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DIM300XCM45-F000
IGBT Chopper Module
DS5918- 1.3 February 2009(LN26586)
ÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁÁ1/8
FEATURES
Soft Punch Through Silicon
Isolated AlSiC Base with AlN Substrates
High Thermal Cycling Capability
10µs Short Circuit Withstand
Lead Free construction
10.2kV isolation
APPLICATIONS
High Reliability Inverters
Motor Controllers
Traction Drives
Choppers
The Powerline range of high power modules includes
half bridge, chopper, dual, single and bi-directional
switch configurations covering voltages from 1200V
to 6500V and currents up to 3600A.
The DIM300XCM45-F000 is a 4500V, soft punch
through n-channel enhancement mode, insulated
gate bipolar transistor (IGBT) chopper module. The
IGBT has a wide reverse bias safe operating area
(RBSOA) plus 10us short circuit withstand. This
device is optimised for traction drives and other
applications requiring high thermal cycling capability.
The module incorporates an electrically isolated base
plate and low inductance construction enabling circuit
designers to optimise circuit layouts and utilise
grounded heat sinks for safety.
ORDERING INFORMATION
Order As:
DIM300XCM45-F000
Note: When ordering, please use the complete part
number
KEY PARAMETERS
V CES
4500V
V CE(sat) *
(typ)
2.9V
I C
(max)
300A
I C(PK)
(max)
600A
*(measured at the auxiliary terminals)
Fig. 1 Circuit configuration
Outline type code: X
(See Fig. 11 for further information)
Fig. 2 Package


Similar Part No. - DIM300XCM45-F000_09

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM300XCM45-F000 DYNEX-DIM300XCM45-F000 Datasheet
180Kb / 8P
   IGBT Chopper Module Provisional
More results

Similar Description - DIM300XCM45-F000_09

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM400DCM17-A000 DYNEX-DIM400DCM17-A000_11 Datasheet
328Kb / 8P
   IGBT Chopper Module
DIM800DCM12-A000 DYNEX-DIM800DCM12-A000 Datasheet
207Kb / 10P
   IGBT Chopper Module
DIM800DCS12-A000 DYNEX-DIM800DCS12-A000 Datasheet
824Kb / 9P
   IGBT Chopper Module
DIM250PKM33-TL000 DYNEX-DIM250PKM33-TL000 Datasheet
375Kb / 8P
   IGBT Chopper Module
DIM250PLM33-TS000 DYNEX-DIM250PLM33-TS000 Datasheet
410Kb / 8P
   IGBT Chopper Module
logo
Nihon Inter Electronics...
PCFMB75E6 NIEC-PCFMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
PCHMB200E6 NIEC-PCHMB200E6 Datasheet
262Kb / 4P
   IGBT Module-Chopper
PCHMB75E6 NIEC-PCHMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
PCHMB150E6 NIEC-PCHMB150E6 Datasheet
333Kb / 4P
   IGBT Module-Chopper
logo
Dynex Semiconductor
DIM800ECM33-F000 DYNEX-DIM800ECM33-F000 Datasheet
884Kb / 8P
   IGBT Chopper Module
DIM250PKM33-TS000 DYNEX-DIM250PKM33-TS000 Datasheet
411Kb / 8P
   IGBT Chopper Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com