Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS-A855RD Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BS-A855RD
Description  20.30mm (0.80) high single seven segments display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BS-A855RD Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BS-A855RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BS-A855RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BS-A855RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BS
S--A
A8
85
55
5R
RD
D
Ver.1.0 Page 1 of 3
SINCE 1981
Package Dimensions :
Notes:
1.
All dimensions are in millimeters(inches).
2.
Tolerance is ±0.25mm(.01")unless otherwise
specified.
3.
Specifications are subject to change without
notice.
Features :
1.
0.80 inch (20.30mm) Digit Height.
2.
Continuous uniform segments.
3.
Low power requirement.
4.
Excellent characters appearance.
5.
Solid state reliability.
6.
Categorized for luminous intensity.
7.
Direct drive common anode.
Description :
1.
The BS-A855RD is a 20.30mm (0.80")
high single digit seven segment display.
2.
This product use bright red chips, which
are made from GaP on GaP substrate.
3.
This product have a black face and
white segments.
4.
This product doesn't contain restriction
substance, comply ROHS standard.
Internal Circuit Diagram :
佰鴻工業股份有限公司
http://www.brtled.com


Similar Part No. - BS-A855RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS-A855RD ETC1-BS-A855RD Datasheet
260Kb / 2P
   SINGLE DIGIT LED DISPLAYS
More results

Similar Description - BS-A855RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-C815BD BRIGHT-BS-C815BD Datasheet
166Kb / 3P
   20.4mm(0.80) high single seven segments display
BS-A854RD BRIGHT-BS-A854RD Datasheet
166Kb / 3P
   20.3mm (0.80) high single digit seven segments display
logo
BetLux Electronics
BL-T80A-31 BETLUX-BL-T80A-31 Datasheet
308Kb / 5P
   20.30mm (0.80) Three digit Seven Segment LED display series
logo
BRIGHT LED ELECTRONICS ...
BS-CE06RD BRIGHT-BS-CE06RD Datasheet
162Kb / 3P
   101.20mm(4.00) high single seven segments display
BS-CE16RD BRIGHT-BS-CE16RD Datasheet
196Kb / 3P
   101.20mm(4.00) high single seven segments display
BS-AB2EGRD BRIGHT-BS-AB2EGRD Datasheet
190Kb / 3P
   30.4mm(1.20) high single seven segments display
BS-C404RD BRIGHT-BS-C404RD Datasheet
193Kb / 3P
   10.16mm(0.40) high single seven segments display
BS-CA0FRD BRIGHT-BS-CA0FRD Datasheet
229Kb / 3P
   26.00mm (1.00) high single seven segments display
BS-AB13RD BRIGHT-BS-AB13RD Datasheet
232Kb / 3P
   30.4mm(1.20) high single seven segments display
BS-A362RD BRIGHT-BS-A362RD Datasheet
198Kb / 3P
   8.00mm (0.31) high single seven segments display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com