Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC112 Datasheet(PDF) 5 Page - Silicon Touch Technology Inc.

Part # PC112
Description  Step Up Converter for White LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PC112 Datasheet(HTML) 5 Page - Silicon Touch Technology Inc.

  PC112 Datasheet HTML 1Page - Silicon Touch Technology Inc. PC112 Datasheet HTML 2Page - Silicon Touch Technology Inc. PC112 Datasheet HTML 3Page - Silicon Touch Technology Inc. PC112 Datasheet HTML 4Page - Silicon Touch Technology Inc. PC112 Datasheet HTML 5Page - Silicon Touch Technology Inc. PC112 Datasheet HTML 6Page - Silicon Touch Technology Inc. PC112 Datasheet HTML 7Page - Silicon Touch Technology Inc. PC112 Datasheet HTML 8Page - Silicon Touch Technology Inc. PC112 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
-4 -
Version
:A.001
PC112/PC113
Typical application circuit
SiTI
PC112
VDD
LX
VSS
ON
V
IN
2.8 to 5.0V
L1
6.8uH
D1
MBR0520
C3
1uF
FB
OFF
EN
C1
4.7uF
C2
4.7uF
R
1
22Ω
I
IN
R3
1KΩ
Zener
R2
5.6Ω
Fig. 1
Application circuit of PC112
SiTI
PC113
VDD
LX
VSS
ON
V
IN
2.8 to 5.0V
L1
6.8uH
D1
MBR0520
C3
1uF
White
LED
x 3
FB
OFF
EN
C1
4.7uF
C2
4.7uF
R
1
22Ω
I
IN
I
LED
20mA
R
2
OVP
5.6Ω
Fig. 2
Application circuit of PC113


Similar Part No. - PC112

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PC112-H25D-C0 PANDUIT-PC112-H25D-C0 Datasheet
110Kb / 1P
   Flat Cable Clips Pan-Clamp Heavy Duty Fixed Diameter Clamps
logo
Sharp Corporation
PC112L SHARP-PC112L Datasheet
98Kb / 6P
   Long Creepage Distance Type Photocoupler
More results

Similar Description - PC112

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62731FUG MARKTECH-TB62731FUG Datasheet
273Kb / 17P
   Step-up DC-DC Converter for White LED Driver
logo
Stanson Technology
ST1938 STANSON-ST1938 Datasheet
151Kb / 5P
   DC-DC Step-Up Converter for White LED Driver
logo
Toshiba Semiconductor
TB62731FUG TOSHIBA-TB62731FUG Datasheet
246Kb / 20P
   Step-up DC-DC Converter for White LED Driver
TB62732FUG TOSHIBA-TB62732FUG Datasheet
290Kb / 18P
   Step-up DC/DC Converter for White LED Driver
logo
Stanson Technology
ST1937 STANSON-ST1937 Datasheet
202Kb / 6P
   DC-DC Step-Up Converter for White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
logo
Allegro MicroSystems
A8431 ALLEGRO-A8431 Datasheet
331Kb / 10P
   White LED Driver Constant Current Step-up Converter
April 5, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com