Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM632 Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # DM632
Description  16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM632 Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button DM632 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 11Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
新竹市科學園區展業一路9號7樓之1
9-7F-1, Prosperity RoadⅠ, Hsin-Chu, Taiwan, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
16-channel 16-bit PWM Constant Current LED Driver
Version:A.002
Page 6
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM632
Electrical Characteristics (VCC = 5.0 V, Ta = 25°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Input Voltage “H” Level
VIH
CMOS logic level
0.8VCC
VCC
Input Voltage “L” Level
VIL
CMOS logic level
GND
0.2VCC
V
Output Leakage Current
IOL
VOH = 17 V
±1.0
uA
VOL
IOL = 1.25 mA
0.2
Output Voltage (S-OUT)
VOH
IOH= 1.2 mA
VCC-0.4
V
Output Current Skew
(Channel-to-Channel)
*1
IOL1
±3
%
Output Current Skew
(Chip-to-Chip)
*2
IOL2
VOUT = 1.0 V
Rrext = 2.2 K
Ω
25.79
29.08
mA
Output Voltage Regulation
% / VOUT
Rrext = 2.2 K
Ω
VOUT = 1 V ~ 3 V
±0.1
±0.5
Supply Voltage Regulation
% / VCC
Rrext = 2.2 K
Ω
±1
±4
% / V
LED Open Detection Threshold
V(od)
all outputs turn on
0.3
V
IDD(off)
power on
all pins are open
unless VCC and GND
(fee-running mode)
5.39
6.5
IDD(off)
power on
all pins are open
unless VCC and GND
(external GCK mode)
4.57
IDD(on)
input signal is static
Rrext = 12.4 K
Ω
all outputs turn off
5.91
IDD(on)
input signal is static
Rrext = 2.2 K
Ω
all outputs turn off
8.10
Supply Current
*3
IDD(on)
input signal is static
Rrext = 560
Ω
all outputs turn off
17.11
mA
*1 Channel-to-channel skew is defined as the ratio between (any Iout – average Iout) and average Iout, where average
Iout = (Imax + Imin) / 2.
*2 Chip-to-Chip skew is defined as the range into which any output current of any IC falls.
*3 IO excluded.


Similar Part No. - DM632

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DM632B SITI-DM632B Datasheet
953Kb / 31P
   Maximum output voltage: 17V
DM632C SITI-DM632C Datasheet
697Kb / 25P
   Maximum output voltage: 17V
More results

Similar Description - DM632

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DM633 SITI-DM633 Datasheet
506Kb / 26P
   16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
DM631 SITI-DM631 Datasheet
500Kb / 24P
   16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
DM634 SITI-DM634 Datasheet
586Kb / 25P
   16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
logo
WORLDSEMI CO., LIMITED
WS2801 WORLDSEMI-WS2801 Datasheet
373Kb / 15P
   3-Channel Constant Current LED Driver With Programmable PWM Outputs
logo
Silicon Touch Technolog...
DM413 SITI-DM413 Datasheet
305Kb / 18P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH PROGRAMMABLE PWM OUTPUTS
logo
Allegro MicroSystems
A6281 ALLEGRO-A6281 Datasheet
308Kb / 11P
   3-Channel Constant Current LED Driver with Programmable PWM Control
A6280_V ALLEGRO-A6280_V Datasheet
327Kb / 13P
   3-Channel Constant-Current LED Driver with Programmable PWM Control
A6281EESTR-T ALLEGRO-A6281EESTR-T Datasheet
263Kb / 11P
   3-Channel Constant Current LED Driver with Programmable PWM Control
logo
SHENZHEN FUMAN ELECTRON...
FM6153S FUMAN-FM6153S Datasheet
701Kb / 17P
   16-channel PWM constant current output LED driver IC
FM6153Q FUMAN-FM6153Q Datasheet
628Kb / 16P
   16-channel PWM constant current output LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com