Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD211 Datasheet(PDF) 8 Page - Silicon Touch Technology Inc.

Part # DD211
Description  A DRIVER, CHARGE PUMP FOR HIGH FORWARD-VOLTAGE LEDS WITH LOW SUPPLY VOLTAGE (2.0V~3.3V)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DD211 Datasheet(HTML) 8 Page - Silicon Touch Technology Inc.

Back Button DD211 Datasheet HTML 3Page - Silicon Touch Technology Inc. DD211 Datasheet HTML 4Page - Silicon Touch Technology Inc. DD211 Datasheet HTML 5Page - Silicon Touch Technology Inc. DD211 Datasheet HTML 6Page - Silicon Touch Technology Inc. DD211 Datasheet HTML 7Page - Silicon Touch Technology Inc. DD211 Datasheet HTML 8Page - Silicon Touch Technology Inc. DD211 Datasheet HTML 9Page - Silicon Touch Technology Inc. DD211 Datasheet HTML 10Page - Silicon Touch Technology Inc. DD211 Datasheet HTML 11Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DD211
SP-DD211-A.001.doc
-7-
Version
A.001
DIE CONFIGURATION
Die Size: 494.9um * 532.9um
Width of Cut Line: 100um
Die Thickness: 12mil(=300um)
Pad Size: 100um * 100um
(284.15, 182.6)
(284.15, 452.2)
(494.9, 532.9)
Unit: um
(0.0, 0.0)
(142.95, 124.05)
(414.2, 182.6)
(414.15, 452.2)
LEDA
CN
CP
VDD
VSS


Similar Part No. - DD211

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
DD211 APITECH-DD211 Datasheet
279Kb / 6P
   PIN Diode Drivers
DD211 APITECH-DD211 Datasheet
279Kb / 6P
   PIN Diode Drivers
DD211 APITECH-DD211 Datasheet
279Kb / 6P
   PIN Diode Drivers
DD211 APITECH-DD211 Datasheet
1,020Kb / 1P
   HIGH SPEED DRIVERS
DD211 APITECH-DD211 Datasheet
1Mb / 1P
   Dual High Speed Drivers
More results

Similar Description - DD211

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DD212 SITI-DD212 Datasheet
236Kb / 7P
   HIGH POWER CHARGE PUMP FOR WHITE LEDS WITH LOW SUPPLY VOLTAGE
logo
Linear Technology
LTC3260EMSE LINER-LTC3260EMSE Datasheet
157Kb / 6P
   High Voltage, Low Noise, Dual Supply Inverting Charge Pump
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
   High Voltage, Low Noise Inverting Charge Pump
logo
Global Mixed-mode Techn...
G5933 GMT-G5933 Datasheet
72Kb / 1P
   High Voltage 1.5x Charge Pump
logo
Analog Devices
LTC3290 AD-LTC3290 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
logo
STMicroelectronics
STP2CMP STMICROELECTRONICS-STP2CMP Datasheet
1Mb / 23P
   Low voltage 2-channel constant current LED driver with charge pump
April 2015 Rev 2
STP4CMP STMICROELECTRONICS-STP4CMP Datasheet
1Mb / 24P
   Low voltage 4-channel constant current LED driver with charge pump
April 2015 Rev 3
STP4CMPQTR STMICROELECTRONICS-STP4CMPQTR Datasheet
861Kb / 22P
   Low voltage 4-channel constant current LED driver with charge pump
logo
Intersil Corporation
ISL59833 INTERSIL-ISL59833 Datasheet
339Kb / 15P
   200MHz Single Supply Video Driver With Charge Pump
logo
Renesas Technology Corp
ISL59833 RENESAS-ISL59833 Datasheet
719Kb / 15P
   200MHz Single Supply Video Driver With Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com