Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTA0001 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TTA0001
Description  Transistor Silicon PNP Triple Diffused Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TTA0001 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TTA0001 Datasheet HTML 1Page - Toshiba Semiconductor TTA0001 Datasheet HTML 2Page - Toshiba Semiconductor TTA0001 Datasheet HTML 3Page - Toshiba Semiconductor TTA0001 Datasheet HTML 4Page - Toshiba Semiconductor TTA0001 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TTA0001
2009-06-11
3
-1
-0.001
-0.1
-0.001
-0.01
-0.1
-1
-10
0
-10
0
0
-18
-3
-2
-4
-6
-8
-6
-9
-15
100
1000
-0.001
-0.01
-0.1
-1
-10
-0.1
-1
-10
1
Collector-emitter voltage VCE (V)
IC – VCE
Common emitter
Tc
= 25°C
Single Pulse test
-200mA
-300mA
-70mA
Tc
= 100°C
−55°C
25°C
Collector current IC (A)
hFE – IC
Common emitter
VCE = -5 V
Single Pulse test
10
−55°C
25°C
Collector current IC (A)
VCE (sat) – IC
Common emitter
IC/IB = 10
Single Pulse test
-55°C
25°C
Collector current IC (A)
VBE (sat) – IC
Common emitter
IC/IB = 10
Single Pulse test
−55°C
Tc
= 100°C
25°C
Base-emitter voltage VBE (V)
IC – VBE
Common emitter
VCE =−5 V
Single Pulse test
-0.01
Tc
= 100°C
-100
-0.4
-0.8
-1.2
-1.6
Tc
= 100°C
-12
-40mA
-100mA
-150mA
-10
-100
-0.001
-0.01
-0.1
-1
-10
-100
-2.0
IB
=−20mA
-18
0
-3
-12
-15
-9
-6
-2.4


Similar Part No. - TTA0001

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TTA0001 TOSHIBA-TTA0001 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TTA0001

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TTA0002 TOSHIBA-TTA0002 Datasheet
193Kb / 5P
   Transistor Silicon PNP Triple Diffused Type
2SB1640 TOSHIBA-2SB1640 Datasheet
138Kb / 4P
   TOSHIBA Transistor Silicon PNP Triple Diffused Type
logo
New Jersey Semi-Conduct...
2SA1943 NJSEMI-2SA1943 Datasheet
302Kb / 2P
   TOSHIBA TRANSISTOR SILICON PNP TRIPLE DIFFUSED TYPE
logo
Toshiba Semiconductor
2SA490 TOSHIBA-2SA490 Datasheet
87Kb / 2P
   SILICON PNP TRIPLE DIFFUSED TYPE
logo
Guangdong Kexin Industr...
2SB1667 KEXIN-2SB1667 Datasheet
45Kb / 2P
   Silicon PNP Triple Diffused Type
logo
KEC(Korea Electronics)
BF421 KEC-BF421_02 Datasheet
59Kb / 3P
   SILICON PNP TRIPLE DIFFUSED TYPE
logo
Toshiba Semiconductor
2SB1375 TOSHIBA-2SB1375_06 Datasheet
142Kb / 5P
   Silicon PNP Triple Diffused Type
2SA1265 TOSHIBA-2SA1265 Datasheet
94Kb / 2P
   SILICON PNP TRIPLE DIFFUSED TYPE
2SB1667 TOSHIBA-2SB1667_06 Datasheet
161Kb / 5P
   Silicon PNP Triple Diffused Type
TBF870 TOSHIBA-TBF870 Datasheet
119Kb / 4P
   SILICON PNP TRIPLE DIFFUSED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com