Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPCA8028-H Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TPCA8028-H
Description  Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8028-H Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TPCA8028-H Datasheet HTML 1Page - Toshiba Semiconductor TPCA8028-H Datasheet HTML 2Page - Toshiba Semiconductor TPCA8028-H Datasheet HTML 3Page - Toshiba Semiconductor TPCA8028-H Datasheet HTML 4Page - Toshiba Semiconductor TPCA8028-H Datasheet HTML 5Page - Toshiba Semiconductor TPCA8028-H Datasheet HTML 6Page - Toshiba Semiconductor TPCA8028-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TPCA8028-H
2008-01-22
6
t =1ms*
VDSS max
t =10ms*
10
100
1000
0.1
10
1
1
100
0.1
3.0
2.0
0
1.5
2.5
1.0
0.5
0
40
80
120
160
(1)
(2)
1
0.0001
10
100
1000
0.01
0.1
1
10
100
1000
(2)
(1)
(3)
0.1
0.01
0.001
Pulse width tw (s)
rth – tw
(1) Device mounted on a glass-epoxy board (a) (Note 2a)
(2) Device mounted on a glass-epoxy board (b) (Note 2b)
(3) Tc=25℃
Single - pulse
Drain-source voltage VDS (V)
Safe operating area
ID max (Pulse) *
* Single - pulse
Ta=25℃
Curves must be derated
linearly with increase in
temperature.
Case temperature TC (°C)
PD – Tc
Ambient temperature Ta (°C)
PD – Ta
(1) Device mounted on a glass-epoxy
board (a) (Note 2a)
(2) Device mounted on a glass-epoxy
board (b) (Note 2b)
t =10s
50
40
30
20
10
0
0
40
80
120
160


Similar Part No. - TPCA8028-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8028-H TOSHIBA-TPCA8028-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPCA8028-H VBSEMI-TPCA8028-H Datasheet
1Mb / 7P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - TPCA8028-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8216-H TOSHIBA-TPC8216-H Datasheet
213Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPCA8040-H TOSHIBA-TPCA8040-H Datasheet
148Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPC8040-H TOSHIBA-TPC8040-H Datasheet
229Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPCA8036-H TOSHIBA-TPCA8036-H Datasheet
158Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPC8035-H TOSHIBA-TPC8035-H Datasheet
223Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPC8039-H TOSHIBA-TPC8039-H Datasheet
225Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPC8036-H TOSHIBA-TPC8036-H Datasheet
225Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPCA8046-H TOSHIBA-TPCA8046-H Datasheet
200Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS-H)
TPC8053-H TOSHIBA-TPC8053-H Datasheet
206Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS-H)
TPCA8049-H TOSHIBA-TPCA8049-H Datasheet
204Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com