Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPCA8028-H Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPCA8028-H
Description  Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8028-H Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPCA8028-H Datasheet HTML 1Page - Toshiba Semiconductor TPCA8028-H Datasheet HTML 2Page - Toshiba Semiconductor TPCA8028-H Datasheet HTML 3Page - Toshiba Semiconductor TPCA8028-H Datasheet HTML 4Page - Toshiba Semiconductor TPCA8028-H Datasheet HTML 5Page - Toshiba Semiconductor TPCA8028-H Datasheet HTML 6Page - Toshiba Semiconductor TPCA8028-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPCA8028-H
2008-01-22
4
1
0.1
1
10
10
100
VGS = 10V
4.5
10
100
0.1
1
25
100
Ta
= −55°C
100
1
1000
10
0.1
0
0.3
0.4
0
2
4
6
8
0.2
0.1
10
0
0
1
23
5
100
Ta
= −55°C
25
100
60
80
4
20
40
ID – VDS
5
80
60
40
20
0
100
0
2
VGS = 2.5V
4
3
1
2.7
3.0
3.1
2.9
2.8
8
4
4.5
6 5
ID – VDS
50
30
20
0
40
10
0
0.2
0.4
0.6
0.8
VGS = 2.4V
2.6
2.8
8
4
10
1
4.5
2.9
6 5
2.7
3
Drain-source voltage VDS (V)
Drain current ID (A)
RDS (ON) – ID
Drain current ID (A)
⎪Yfs⎪ – ID
Drain-source voltage VDS (V)
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Common source
Ta
= 25°C
Pulse test
Common source
VDS = 10 V
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
VDS = 10 V
Pulse test
10
ID = 50 A
12.5
25


Similar Part No. - TPCA8028-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8028-H TOSHIBA-TPCA8028-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPCA8028-H VBSEMI-TPCA8028-H Datasheet
1Mb / 7P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - TPCA8028-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8216-H TOSHIBA-TPC8216-H Datasheet
213Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPCA8040-H TOSHIBA-TPCA8040-H Datasheet
148Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPC8040-H TOSHIBA-TPC8040-H Datasheet
229Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPCA8036-H TOSHIBA-TPCA8036-H Datasheet
158Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPC8035-H TOSHIBA-TPC8035-H Datasheet
223Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPC8039-H TOSHIBA-TPC8039-H Datasheet
225Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPC8036-H TOSHIBA-TPC8036-H Datasheet
225Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPCA8046-H TOSHIBA-TPCA8046-H Datasheet
200Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS-H)
TPC8053-H TOSHIBA-TPC8053-H Datasheet
206Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS-H)
TPCA8049-H TOSHIBA-TPCA8049-H Datasheet
204Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com