Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCR5SB25A Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TCR5SB25A
Description  150 mA CMOS Low-Dropout Regulator (Point Regulator)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SB25A Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TCR5SB25A Datasheet HTML 1Page - Toshiba Semiconductor TCR5SB25A Datasheet HTML 2Page - Toshiba Semiconductor TCR5SB25A Datasheet HTML 3Page - Toshiba Semiconductor TCR5SB25A Datasheet HTML 4Page - Toshiba Semiconductor TCR5SB25A Datasheet HTML 5Page - Toshiba Semiconductor TCR5SB25A Datasheet HTML 6Page - Toshiba Semiconductor TCR5SB25A Datasheet HTML 7Page - Toshiba Semiconductor TCR5SB25A Datasheet HTML 8Page - Toshiba Semiconductor TCR5SB25A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TCR5SB15A~TCR5SB50A
2008-11-11
1
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TCR5SB15A~TCR5SB50A
150 mA CMOS Low-Dropout Regulator (Point Regulator)
The TCR5SB15A to TCR5SB50A are CMOS general-purpose
single-output voltage regulators with an on/off control input, featuring
low dropout voltage and low quiescent bias current. The
TCR5SB15A to TCR5SB50A can be enabled and disabled via the
CONTROL pin.
These voltage regulators are available in fixed output voltages
between 1.5 V and 5.0 V in 0.1-V steps and capable of driving up to
150 mA. They feature overcurrent protection.
The TCR5SB15A to TCR5SB50A are offered in the compact SMV
(SOT23-5) (SC-74A) and allow the use of small ceramic input and
output capacitors. Thus, these devices are ideal for portable
applications that require high-density board assembly such as
cellular phones.
Features
Low quiescent bias current ( IB = 32 μA (typ.) at IOUT = 0 mA )
Low stand-by current ( IB(OFF) = 0.1 μA (typ.) at Stand-by mode )
Low-dropout voltage ( VIN - VOUT = 90 mV (typ.) at TCR5SB25A, IOUT = 50 mA )
High ripple rejection ( R.R = 70 dB (typ) at IOUT = 10 mA, f =1kHz )
Control voltage can be allowed from -0.3 to 6 V regardless of VIN voltage.
Overcurrent protection
Ceramic capacitors can be used ( CIN = 0.1μF, COUT =1.0 μF )
Wide range voltage listing (Please see Output Voltage Accuracy at page 4 for variety of the output voltage )
Small package, SMV (SOT23-5) (SC-74A)
Pin Assignment (top view)
Weight: 0.014 g (typ.)
VOUT
CONTROL
GND
NC
VIN
1
2
3
4
5


Similar Part No. - TCR5SB25A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SB25 TOSHIBA-TCR5SB25 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB25U TOSHIBA-TCR5SB25U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
More results

Similar Description - TCR5SB25A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
ON Semiconductor
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
NCP103 ONSEMI-NCP103_16 Datasheet
676Kb / 15P
   150 mA CMOS Low Dropout Regulator
September, 2016 ??Rev. 11
logo
Analog Devices
ADP1711 AD-ADP1711_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710 Datasheet
405Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
Toshiba Semiconductor
TCR5SB15 TOSHIBA-TCR5SB15 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
logo
ON Semiconductor
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com