Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7SZ125F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7SZ125F
Description  Bus Buffer 3-State Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ125F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7SZ125F Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ125F Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ125F Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ125F Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ125F Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ125F Datasheet HTML 6Page - Toshiba Semiconductor TC7SZ125F Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7SZ125F/FU
2009-09-18
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SZ125F,TC7SZ125FU
Bus Buffer 3-State Output
Features
• High output current: ±24 mA (min) at VCC = 3 V
• Super high speed operation: tpd 2.6 ns (typ.) at VCC = 5 V, 50 pF
• Operation voltage range: VCC = 1.8 to 5.5 V
• 5.5-V tolerant inputs
• 5.5-V power down protection output
• Matches the performance of TC74LCX series when operated at
3.3 V VCC.
Marking
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
−0.5 to 6
V
DC input voltage
VIN
−0.5 to 6
V
−0.5 to 6 (Note 1)
DC output voltage
VOUT
−0.5 to Vcc+0.5 (Note 2)
V
Input diode current
IIK
−20
mA
Output diode current
IOK
−20(Note 3)
mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
200
mW
Storage temperature
Tstg
−65 to 150
°C
Lead temperature (10s)
TL
260
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note 1: VCC = 0V or high impedance condition.
Note 2: High or Low state. Do not exceed IOUT of absolute maximum ratings.
Note 3: VOUT < GND
TC7SZ125F
TC7SZ125FU
Weight
SSOP5-P-0.95
: 0.016 g (typ.)
SSOP5-P-0.65A
: 0.006 g (typ.)
Product name
J B
G
1
IN A 2
GND 3
5 VCC
4 OUT Y
Pin Assignment (top view)
(SMV)
(USV)


Similar Part No. - TC7SZ125F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ125F TOSHIBA-TC7SZ125F Datasheet
188Kb / 5P
   BUS BUFFER 3-STATE OUTPUT
TC7SZ125F TOSHIBA-TC7SZ125F Datasheet
191Kb / 7P
   Bus Buffer 3-State Output
TC7SZ125FE TOSHIBA-TC7SZ125FE Datasheet
169Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-21 Rev.2.0
TC7SZ125FU TOSHIBA-TC7SZ125FU Datasheet
188Kb / 5P
   BUS BUFFER 3-STATE OUTPUT
TC7SZ125FU TOSHIBA-TC7SZ125FU Datasheet
191Kb / 7P
   Bus Buffer 3-State Output
More results

Similar Description - TC7SZ125F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ126F TOSHIBA-TC7SZ126F Datasheet
186Kb / 5P
   BUS BUFFER, 3-STATE OUTPUT
TC7SZ126F TOSHIBA-TC7SZ126F_09 Datasheet
178Kb / 7P
   Bus Buffer 3-State Output
TC7SZ125F TOSHIBA-TC7SZ125F Datasheet
188Kb / 5P
   BUS BUFFER 3-STATE OUTPUT
TC7SH125F TOSHIBA-TC7SH125F_09 Datasheet
174Kb / 6P
   Bus Buffer 3-STATE Output
TC7SZ125F TOSHIBA-TC7SZ125F_07 Datasheet
191Kb / 7P
   Bus Buffer 3-State Output
TC7SZ126F TOSHIBA-TC7SZ126F_07 Datasheet
210Kb / 7P
   Bus Buffer 3-State Output
TC7SZ125AFS TOSHIBA-TC7SZ125AFS Datasheet
162Kb / 6P
   Bus Buffer 3-State Output
logo
Renesas Technology Corp
RD74LVC1G126 RENESAS-RD74LVC1G126 Datasheet
2Mb / 8P
   Bus Buffer with 3-state Output
logo
Toshiba Semiconductor
TC7SG125FE TOSHIBA-TC7SG125FE_09 Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SG125FE TOSHIBA-TC7SG125FE Datasheet
166Kb / 8P
   Bus Buffer with 3-STATE Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com