Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7SZ05F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7SZ05F
Description  Inverter (Open Drain)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ05F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7SZ05F Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ05F Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ05F Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ05F Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ05F Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ05F Datasheet HTML 6Page - Toshiba Semiconductor TC7SZ05F Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TC7SZ05F/FU
2009-09-17
2
IEC Logic Symbol
Truth Table
Z: High Impedance
Operating Ranges
Characteristics
Symbol
Rating
Unit
1.8 to 5.5
Supply voltage
VCC
1.5 to 5.5
(Note 3)
V
Input voltage
VIN
0 to 5.5
V
Output voltage
VOUT
0 to 5.5
V
Operating temperature
Topr
−40 to 85
°C
0 to 20 (VCC = 1.8 V, 2.5 V ± 0.2 V)
0 to 10 (VCC = 3.3 V ± 0.3 V)
Input rise and fall time
dt/dv
0 to 5 (VCC = 5.0 V ± 0.5 V)
ns/V
Note 3: Data retention only
A
Y
L
Z
H
L
OUT Y
IN A
1


Similar Part No. - TC7SZ05F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ05F TOSHIBA-TC7SZ05F Datasheet
157Kb / 5P
   INVERTER (OPEN DRAIN)
TC7SZ05F TOSHIBA-TC7SZ05F Datasheet
197Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Inverter (Open Drain)
TC7SZ05FE TOSHIBA-TC7SZ05FE Datasheet
169Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-21 Rev.2.0
TC7SZ05FU TOSHIBA-TC7SZ05FU Datasheet
157Kb / 5P
   INVERTER (OPEN DRAIN)
TC7SZ05FU TOSHIBA-TC7SZ05FU Datasheet
197Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Inverter (Open Drain)
More results

Similar Description - TC7SZ05F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG05FE TOSHIBA-TC7SG05FE Datasheet
249Kb / 7P
   Inverter (Open Drain)
2013-03-01
TC7SZ05F TOSHIBA-TC7SZ05F Datasheet
157Kb / 5P
   INVERTER (OPEN DRAIN)
TC7SH05FS TOSHIBA-TC7SH05FS Datasheet
177Kb / 6P
   INVERTER (Open Drain)
2014-03-01
TC7SA05F TOSHIBA-TC7SA05F Datasheet
207Kb / 8P
   Inverter (Open Drain)
TC7SZ05AFS TOSHIBA-TC7SZ05AFS Datasheet
158Kb / 6P
   INVERTER (Open Drain)
TC7SG05AFS TOSHIBA-TC7SG05AFS Datasheet
266Kb / 7P
   Inverter (Open Drain)
2013-03-01
TC7SH05FE TOSHIBA-TC7SH05FE Datasheet
151Kb / 6P
   INVERTER (Open Drain)
2009-09-30
logo
STMicroelectronics
74VHC05 STMICROELECTRONICS-74VHC05 Datasheet
53Kb / 7P
   HEX INVERTER OPEN DRAIN
June 1999
M54HC05 STMICROELECTRONICS-M54HC05 Datasheet
227Kb / 9P
   HEX INVERTER OPEN DRAIN
February 1993
logo
ON Semiconductor
NLX2G06 ONSEMI-NLX2G06 Datasheet
94Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com