Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7SZ02AFS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7SZ02AFS
Description  2-Input NOR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ02AFS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7SZ02AFS Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ02AFS Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ02AFS Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ02AFS Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ02AFS Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ02AFS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TC7SZ02AFS
2009-09-09
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SZ02AFS
2-Input NOR Gate
Features
• High output current
: ±24 mA (min) at VCC = 3.0V
• Super high speed operation : tpd = 2.4ns (typ.)
at VCC = 5V, 50pF
• Operating voltage range
: VCC = 1.65 to 5.5V
• 5.5-V tolerant inputs.
Marking
Pin Assignment (top view)
Absolute Maximum Ratings (Ta = 25°C)
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: VOUT < GND, VOUT > VCC
SON5-P-0.35
(fSV)
Weight : 0.001 g (typ.)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
−0.5 to 6
V
DC input voltage
VIN
−0.5 to 6
V
DC output voltage
VOUT
−0.5 to VCC + 0.5
V
Input diode current
IIK
−20
mA
Output diode current
IOK
±20 (Note 1)
mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
50
mW
Storage temperature
Tstg
−65 to 150
°C
Product name
J
3
5 VCC
4
OUT Y
GND
2
IN B
3
IN A
1


Similar Part No. - TC7SZ02AFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ02AFE TOSHIBA-TC7SZ02AFE Datasheet
150Kb / 4P
   2 INPUT NOR GATE
TC7SZ02AFE TOSHIBA-TC7SZ02AFE Datasheet
154Kb / 5P
   2 Input NOR Gate
TC7SZ02AFE TOSHIBA-TC7SZ02AFE_07 Datasheet
154Kb / 5P
   2 Input NOR Gate
More results

Similar Description - TC7SZ02AFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
   2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
   2-input NOR Gate
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
   2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
   2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
   2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
   2-INPUT NOR GATE
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
   2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
   2-input NOR gate
Rev. 2 - 12 January 2022
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
   2-INPUT NOR GATE
TC7SH02F TOSHIBA-TC7SH02F Datasheet
197Kb / 5P
   2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com