Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7SZ00F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7SZ00F
Description  2-Input NAND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ00F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7SZ00F_09 Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ00F_09 Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ00F_09 Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ00F_09 Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ00F_09 Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ00F_09 Datasheet HTML 6Page - Toshiba Semiconductor TC7SZ00F_09 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TC7SZ00F/FU
2009-09-09
2
IEC Logic Symbol
Truth Table
A
B
Y
L
L
H
L
H
H
H
L
H
H
H
L
Operating Ranges
Characteristics
Symbol
Rating
Unit
1.8 to 5.5
Supply voltage
VCC
1.5 to 5.5
(Note 4)
V
Input voltage
VIN
0 to 5.5
V
0 to 5.5
(Note 5)
Output voltage
VOUT
0 to VCC
(Note 6)
V
Operating temperature
Topr
−40 to 85
°C
0 to 20 (VCC = 1.8 V, 2.5 V ± 0.2 V)
0 to 10 (VCC = 3.3 V ± 0.3 V)
Input rise and fall time
dt/dv
0 to 5 (VCC = 5.0 V ± 0.5 V)
ns/V
Note 4: Data retention only
Note 5: VCC = 0 V
Note 6: High or Low state
OUT Y
IN A
&
IN B


Similar Part No. - TC7SZ00F_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ00F TOSHIBA-TC7SZ00F_07 Datasheet
175Kb / 7P
   2 Input NAND Gate
More results

Similar Description - TC7SZ00F_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
   2 INPUT NAND GATE
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
   2 INPUT NAND GATE
TC7SET00F TOSHIBA-TC7SET00F Datasheet
165Kb / 5P
   2-INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 27
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
   2-input NAND Gate
logo
NXP Semiconductors
74AHC1G00 NXP-74AHC1G00 Datasheet
77Kb / 11P
   2-input NAND gate
Rev. 06-30 May 2007
logo
Unisonic Technologies
U74HC2G00 UTC-U74HC2G00 Datasheet
129Kb / 5P
   2-INPUT NAND GATE
logo
Renesas Technology Corp
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
   2-input NAND Gate
logo
Minilogic Device Corpor...
ML74UL00 MINILOGIC-ML74UL00 Datasheet
122Kb / 3P
   2-input NAND Gate
logo
Nexperia B.V. All right...
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
   2-input NAND gate
74HC1G00 NEXPERIA-74HC1G00 Datasheet
206Kb / 10P
   2-input NAND gate
Rev. 6 - 21 January 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com