Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB7101AFT5L1.8 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TB7101AFT5L1.8
Description  Buck DC-DC Converter IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB7101AFT5L1.8 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TB7101AFT5L1.8 Datasheet HTML 1Page - Toshiba Semiconductor TB7101AFT5L1.8 Datasheet HTML 2Page - Toshiba Semiconductor TB7101AFT5L1.8 Datasheet HTML 3Page - Toshiba Semiconductor TB7101AFT5L1.8 Datasheet HTML 4Page - Toshiba Semiconductor TB7101AFT5L1.8 Datasheet HTML 5Page - Toshiba Semiconductor TB7101AFT5L1.8 Datasheet HTML 6Page - Toshiba Semiconductor TB7101AFT5L1.8 Datasheet HTML 7Page - Toshiba Semiconductor TB7101AFT5L1.8 Datasheet HTML 8Page - Toshiba Semiconductor TB7101AFT5L1.8 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TB7101AF(T5L1.2,F)/(T5L1.5,F)/(T5L1.8,F)/(T5L2.5,F)/(T5L3.3,F)
2008-05-22
4
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Input voltage
VIN
−0.3 to 6
V
Enable pin voltage
VEN
−0.3 to 6
V
VEN−VIN voltage difference
VEN − VIN
VEN − VIN < 0.3
V
Feedback pin voltage
VFB
−0.3 to 6
V
Switch pin voltage
VLX
−0.3 to 6
V
Switch pin current
ILX
±1.3
A
Power dissipation
(Note 1)
PD
0.7
W
Operating junction temperature
Tjopr
−40 to 125
°C
Junction temperature
(Note 2)
Tj
150
°C
Storage temperature
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc)
Thermal Resistance Characteristic
Characteristics
Symbol
Max
Unit
Thermal resistance, junction and ambient
Rth (j-a)
178.6 (Note 1)
°C/W
Note 1:
Note 2: The TB7101AF may go into thermal shutdown at the rated maximum junction temperature. Thermal design is
required to ensure that the rated maximum operating junction temperature, Tjopr, will not be exceeded.
Glass epoxy board
Material: FR-4
25.4
× 25.4 × 0.8
(Unit: mm)


Similar Part No. - TB7101AFT5L1.8

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB7101F TOSHIBA-TB7101F Datasheet
295Kb / 17P
   Step-down DC-DC Converter IC
More results

Similar Description - TB7101AFT5L1.8

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCV7104FN TOSHIBA-TCV7104FN Datasheet
279Kb / 16P
   Buck DC-DC Converter IC
TB7106F TOSHIBA-TB7106F Datasheet
491Kb / 16P
   Buck DC-DC Converter IC
TCV7107F TOSHIBA-TCV7107F Datasheet
559Kb / 17P
   Buck DC-DC Converter IC
TCV7113F TOSHIBA-TCV7113F Datasheet
470Kb / 17P
   Buck DC-DC Converter IC
TCV7100AF TOSHIBA-TCV7100AF Datasheet
476Kb / 17P
   Buck DC-DC Converter IC
TCV7105F TOSHIBA-TCV7105F Datasheet
467Kb / 16P
   Buck DC-DC Converter IC
TCV7106FN TOSHIBA-TCV7106FN Datasheet
380Kb / 17P
   Buck DC-DC Converter IC
TB7102AF TOSHIBA-TB7102AF Datasheet
229Kb / 17P
   Buck DC-DC Converter IC
TB7107FN TOSHIBA-TB7107FN Datasheet
322Kb / 15P
   Buck DC-DC Converter IC
TCV7101F TOSHIBA-TCV7101F Datasheet
499Kb / 18P
   Buck DC-DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com