Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB7101AFT5L1.5F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TB7101AFT5L1.5F
Description  Buck DC-DC Converter IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB7101AFT5L1.5F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TB7101AFT5L1.5F Datasheet HTML 1Page - Toshiba Semiconductor TB7101AFT5L1.5F Datasheet HTML 2Page - Toshiba Semiconductor TB7101AFT5L1.5F Datasheet HTML 3Page - Toshiba Semiconductor TB7101AFT5L1.5F Datasheet HTML 4Page - Toshiba Semiconductor TB7101AFT5L1.5F Datasheet HTML 5Page - Toshiba Semiconductor TB7101AFT5L1.5F Datasheet HTML 6Page - Toshiba Semiconductor TB7101AFT5L1.5F Datasheet HTML 7Page - Toshiba Semiconductor TB7101AFT5L1.5F Datasheet HTML 8Page - Toshiba Semiconductor TB7101AFT5L1.5F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TB7101AF(T5L1.2,F)/(T5L1.5,F)/(T5L1.8,F)/(T5L2.5,F)/(T5L3.3,F)
2008-05-22
2
Ordering Information
Part Number
Shipping
TB7101AF (T5L*.*, F)
Embossed tape (3000 units per reel)
Block Diagram
Pin Description
Pin No.
Symbol
Description
1
PGND
Ground for the output section
2
VIN
Input pin
This pin is placed in the standby state if VEN = low. Standby current is 1 μA or less.
3
EN
Enable pin
When EN
≥ 1.5 V (@VIN = 5 V), the control logic is allowed to operate and thus enable the switching
operation of the output section.
4
SGND
Ground for the control logic
5
N.C.
No-connect
6
N.C.
No-connect
7
VFB
Feedback pin
Output voltage is set to 1.2 V/1.5 V/1.8 V/2.5 V/3.3 V (typ.) internally.
8
LX
Switch pin
This output is connected to the high-side P-channel MOSFETs and low-side N-channel MOSFET.
0.8V (typ.)
EN
Control logic
Phase
compensation
Thermal
shutdown
Undervoltage
lockout & soft-start
reference voltage
VFB
Error amplifier
VCOMP
PWM comparator
Slope
compensation
Oscillator
Driver
Current detection
Driver
PGND
LX
VIN
SGND


Similar Part No. - TB7101AFT5L1.5F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB7101F TOSHIBA-TB7101F Datasheet
295Kb / 17P
   Step-down DC-DC Converter IC
More results

Similar Description - TB7101AFT5L1.5F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCV7104FN TOSHIBA-TCV7104FN Datasheet
279Kb / 16P
   Buck DC-DC Converter IC
TB7106F TOSHIBA-TB7106F Datasheet
491Kb / 16P
   Buck DC-DC Converter IC
TCV7107F TOSHIBA-TCV7107F Datasheet
559Kb / 17P
   Buck DC-DC Converter IC
TCV7113F TOSHIBA-TCV7113F Datasheet
470Kb / 17P
   Buck DC-DC Converter IC
TCV7100AF TOSHIBA-TCV7100AF Datasheet
476Kb / 17P
   Buck DC-DC Converter IC
TCV7105F TOSHIBA-TCV7105F Datasheet
467Kb / 16P
   Buck DC-DC Converter IC
TCV7106FN TOSHIBA-TCV7106FN Datasheet
380Kb / 17P
   Buck DC-DC Converter IC
TB7102AF TOSHIBA-TB7102AF Datasheet
229Kb / 17P
   Buck DC-DC Converter IC
TB7107FN TOSHIBA-TB7107FN Datasheet
322Kb / 15P
   Buck DC-DC Converter IC
TCV7101F TOSHIBA-TCV7101F Datasheet
499Kb / 18P
   Buck DC-DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com