Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM3J129TU Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # SSM3J129TU
Description  Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSV)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3J129TU Datasheet(HTML) 3 Page - Toshiba Semiconductor

  SSM3J129TU Datasheet HTML 1Page - Toshiba Semiconductor SSM3J129TU Datasheet HTML 2Page - Toshiba Semiconductor SSM3J129TU Datasheet HTML 3Page - Toshiba Semiconductor SSM3J129TU Datasheet HTML 4Page - Toshiba Semiconductor SSM3J129TU Datasheet HTML 5Page - Toshiba Semiconductor SSM3J129TU Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SSM3J129TU
2008-09-30
3
Drain–source voltage VDS (V)
ID – VDS
0
-10
0
-0.2
-0.6
-0.8
-1
-6
Gate–source voltage VGS (V)
ID – VGS
-10000
-0.01
0
-100
-1000
-1
-10
-0.1
-2.0
−25 °C
Common Source
VDS = -3 V
Ta
= 100 °C
25 °C
-0.5
ID = -0.3 A
Common Source
Ambient temperature Ta (°C)
RDS (ON) – Ta
Common Source
100
0
−50
ID = -0.3 A / VGS = -1.5 V
0
50
150
20
40
60
80
100
Drain current ID (A)
RDS (ON) – ID
0
0
-2
-6
-6
-8
Common Source
Ta
= 25°C
VGS = -1.5 V
-1.5 V
-1.5
-1.0
-2.5 V
-1.8 V
Gate–source voltage VGS (V)
0
-4
-4
-8
0
40
80
120
160
RDS (ON) – VGS
25 °C
Ta
= 100 °C
−25 °C
-2.0 A / -2.5 V
-2
-4
100
200
Common Source
Ta
= 25 °C
-1.8 V
-2.5 V
180
140
100
60
20
-2
-4.5 V
-3.0 A / -4.5 V
-0.4
-4.5 V
VGS = -1.2 V
ID = -3.0 A
Common Source
0
-2
-6
-8
Gate–source voltage VGS (V)
-4
0
40
80
120
160
RDS (ON) – VGS
25 °C
Ta
= 100 °C
−25 °C
180
140
100
60
20
-10
-1.0 A / -1.8 V
120
-8


Similar Part No. - SSM3J129TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J129TU TOSHIBA-SSM3J129TU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - SSM3J129TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6111 TOSHIBA-TPC6111 Datasheet
207Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOSV)
TPC8119 TOSHIBA-TPC8119 Datasheet
206Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOSV)
SSM3J307T TOSHIBA-SSM3J307T Datasheet
213Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSV)
2SJ567(TE16L1,NQ) TOSHIBA-2SJ567(TE16L1,NQ) Datasheet
182Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (-MOSV)
2SJ567 TOSHIBA-2SJ567_09 Datasheet
184Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (MOSV)
2SJ620 TOSHIBA-2SJ620 Datasheet
225Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2-?-MOSV)
SSM3J327F TOSHIBA-SSM3J327F Datasheet
192Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPC8124 TOSHIBA-TPC8124 Datasheet
263Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCA8106 TOSHIBA-TPCA8106 Datasheet
216Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM6J212FE TOSHIBA-SSM6J212FE Datasheet
196Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com