Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN4B102J Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # HN4B102J
Description  Transistor Silicon PNP / NPN Epitaxial Type (PCT Process)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

HN4B102J Datasheet(HTML) 3 Page - Toshiba Semiconductor

  HN4B102J Datasheet HTML 1Page - Toshiba Semiconductor HN4B102J Datasheet HTML 2Page - Toshiba Semiconductor HN4B102J Datasheet HTML 3Page - Toshiba Semiconductor HN4B102J Datasheet HTML 4Page - Toshiba Semiconductor HN4B102J Datasheet HTML 5Page - Toshiba Semiconductor HN4B102J Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HN4B102J
2009-06-17
3
PNP
Safe operating area
-10
-0.01
-1
-0.1
Collector
−emitter voltage VCE
(V)
-0.1
-1
-10
-100
-1
-0.01
-0.1
-0.001
-0.01
-0.1
-1
-10
0
-0.4
-0.8
-1.6
-1.2
-2
0
-0.4
-0.8
-2
0
0
-2
-0.4
-0.4
-0.8
-1.2
-1.6
-0.8
-1.2
-1.6
100
1000
-0.001
-0.01
-0.1
-1
-10
-0.1
-1
-10
-0.001
-0.01
-0.1
-1
-10
10
-0.3
-3
-1.2
-1.6
Collector
−emitter voltage VCE
(V)
IC – VCE
Common emitter
Ta
= 25°C
Single nonrepetitive pulse
-10
-8
-3
IB =− 1 mA
-20
-5
-6
-4
-2
Ta
= 100°C
−55°C
25°C
Collector current IC (A)
hFE – IC
Common emitter
VCE = −2 V
Single nonrepetitive pulse
30
300
Ta
= 100°C
−55°C
25°C
Collector current IC (A)
VCE (sat) – IC
Common emitter
IC/IB = 30
Single nonrepetitive pulse
100°C
25°C
Collector current IC (A)
VBE (sat) – IC
Common emitter
IC/IB = 30
Single nonrepetitive pulse
−55°C
Ta
= 100°C
25°C
Base
−emitter voltage VBE (V)
IC – VBE
Common emitter
VCE = −2 V
Single nonrepetitive
pulse
-0.03
-0.3
Ta
= -55°C
*: Single nonrepetitive pulse
Ta
= 25°C
Note that the curves for 100 ms, 10 s and
DC operation will be different when the
devices aren’t mounted on an FR4 board
(glass-epoxy, 1.6 mm thick, Cu area: 645
mm
2).
Single-device operation
These characteristic curves must be
derated linearly with increase in
temperature.
1 ms*
10 ms*
IC max (pulse) *
DC operation
Ta = 25°C
IC max
(continuous)*
10 s*
IC max (pulse) *
100 ms*
10 μs*
100μs*


Similar Part No. - HN4B102J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN4B102J TOSHIBA-HN4B102J Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - HN4B102J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4605 TOSHIBA-RN4605 Datasheet
163Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4607 TOSHIBA-RN4607 Datasheet
161Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4602 TOSHIBA-RN4602 Datasheet
329Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4603 TOSHIBA-RN4603 Datasheet
166Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4608 TOSHIBA-RN4608 Datasheet
157Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4911 TOSHIBA-RN4911 Datasheet
177Kb / 6P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4606 TOSHIBA-RN4606 Datasheet
159Kb / 4P
   Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4908 TOSHIBA-RN4908 Datasheet
155Kb / 5P
   Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4988 TOSHIBA-RN4988 Datasheet
217Kb / 6P
   Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4989 TOSHIBA-RN4989 Datasheet
216Kb / 6P
   Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4606 TOSHIBA-RN4606_07 Datasheet
250Kb / 5P
   Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com