Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2606 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK2606
Description  N CHANNEL MOS TYPE (DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2606 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK2606 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2606 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2606 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SK2606
2002-06-27
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π−MOSIII)
2SK2606
DC−DC Converter, Relay Drive and Motor Drive
Applications
l Low drain−source ON resistance
: RDS (ON) = 1.0 Ω (typ.)
l High forward transfer admittance : |Yfs|= 7.0 S (typ.)
l Low leakage current
: IDSS = 100 µA (max) (VDS = 640 V)
l Enhancement−mode
: Vth = 2.0~4.0 V (VDS = 10 V, ID = 1 mA)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
800
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
800
V
Gate−source voltage
VGSS
±30
V
DC
(Note 1)
ID
8
A
Drain current
Pulse (Note 1)
IDP
24
A
Drain power dissipation (Tc = 25°C)
PD
85
W
Single pulse avalanche energy
(Note 2)
EAS
883
mJ
Avalanche current
IAR
8
A
Repetitive avalanche energy (Note 3)
EAR
8.5
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
1.47
°C / W
Thermal resistance, channel to
ambient
Rth (ch−a)
41.6
°C / W
Note 1: Please use devices on condition that the channel temperature is below 150°C.
Note 2: VDD = 90 V, Tch = 25°C (initial), L = 25.0 mH, IAR = 8 A, RG = 25 Ω
Note 3: Repetitive rating: Pulse width limited by maximum channel temperature
This transistor is an electrostatic sensitive device.
Please handle with caution.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-16F1B
Weight: 5.8 g (typ.)


Similar Part No. - 2SK2606

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2606 TOSHIBA-2SK2606 Datasheet
151Kb / 3P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2606 TOSHIBA-2SK2606 Datasheet
154Kb / 3P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2606 TOSHIBA-2SK2606 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK2606 ISC-2SK2606 Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK2606 TOSHIBA-2SK2606_06 Datasheet
151Kb / 3P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
More results

Similar Description - 2SK2606

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK4014 TOSHIBA-2SK4014 Datasheet
237Kb / 6P
   Silicon N-Channel MOS Type DC/DC Converter, Relay Drive and Motor Drive Applications
2SK3397 TOSHIBA-2SK3397_06 Datasheet
214Kb / 6P
   Silicon N Channel MOS Type Relay Drive and DC-DC Converter Applications Motor Drive Applications
2SK2963 TOSHIBA-2SK2963_07 Datasheet
316Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3437 TOSHIBA-2SK3437_06 Datasheet
220Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3438 TOSHIBA-2SK3438 Datasheet
207Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3498 TOSHIBA-2SK3498_06 Datasheet
161Kb / 3P
   Silicon N-Channel MOS Type DC/DC Converter, Relay Drive and Motor Drive Applications
2SK3125 TOSHIBA-2SK3125_06 Datasheet
204Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK2968 TOSHIBA-2SK2968_06 Datasheet
693Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2545 TOSHIBA-2SK2545_06 Datasheet
713Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2916 TOSHIBA-2SK2916_06 Datasheet
714Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com