Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RE46C119 Datasheet(PDF) 1 Page - Microchip Technology

Part # RE46C119
Description  Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C119 Datasheet(HTML) 1 Page - Microchip Technology

  RE46C119 Datasheet HTML 1Page - Microchip Technology RE46C119 Datasheet HTML 2Page - Microchip Technology RE46C119 Datasheet HTML 3Page - Microchip Technology RE46C119 Datasheet HTML 4Page - Microchip Technology RE46C119 Datasheet HTML 5Page - Microchip Technology RE46C119 Datasheet HTML 6Page - Microchip Technology RE46C119 Datasheet HTML 7Page - Microchip Technology RE46C119 Datasheet HTML 8Page - Microchip Technology RE46C119 Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R&E International
A Subsidiary of Microchip Technology Inc.
RE46C119
Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
Product Specification
© 2009 Microchip Technology Inc.
DS22169A-page 1
General Description
The RE46C119 is intended for use in applications
where low voltage regulation and a high voltage
horn driver are required. The circuit features a
voltage boost converter/regulator and driver circuit
suitable for driving a piezoelectric horn. The horn
enable pin activates the boost converter and horn
driver circuit. Supply current is 6.5uA maximum
when the boost regulator and horn driver are not in
use. A 3V regulator is also provided for
microprocessor voltage regulation. Low battery
detection and signaling are also available.
Interconnect pins are provided to allow
communication in multiple unit environments. A
power good pin monitors the status of the regulator
output.
Applications
Smoke detectors
CO Detectors
Personal Security Products
Electronic Games
Hand Held Instruments
Features
Low Quiescent Current
12V Boost Regulator
Low Horn Driver Ron
3V Regulator, Other Options Available
Low Battery Detection Interface
Power Good Circuit
Device interconnection
Available in DIP and SOIC packages
Available in Standard Packaging or RoHS
Compliant Pb Free Packaging
Pin Configuration
1
16
VDD
IO1
IODIR
IO2
LBST
PG
HRNEN
VSS
VPOS
CAP+
CAP-
VREG
LBAT
HORNB
HORNS
FEED
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNITS
Supply Voltage
VDD
12
V
Input Voltage Range Except FEED, IO1, IO2
Vin
-.3 to Vdd +.3
V
FEED Input Voltage Range
Vinfd
-10 to +22
V
IO2 Input Voltage Range
Vio2
-.3 to VREG+.3
V
IO1 (as input) Voltage Range
Vio1
-.3 to Vdd + 6
V
Input Current except FEED
Iin
10
mA
Operating Temperature
TA
-40 to 85
°C
Continuous Operating Current (Horn or VPOS)
Icon
50
mA
Storage Temperature
TSTG
-55 to 125
°C
Maximum Junction Temperature
TJ
125
°C
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are
stress ratings only and operation at these conditions for extended periods may affect device reliability.
This product utilizes CMOS technology with static protection; however proper ESD prevention procedures should be used
when handling this product. Damage can occur when exposed to extremely high static electrical charges.


Similar Part No. - RE46C119

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C112 MICROCHIP-RE46C112 Datasheet
214Kb / 7P
   Ionization Smoke Detector IC
2009
RE46C114 MICROCHIP-RE46C114 Datasheet
214Kb / 6P
   Ionization Smoke Detector IC
2009
RE46C117 MICROCHIP-RE46C117 Datasheet
214Kb / 6P
   DC to DC Converter and Piezoelectric Horn Driver
2009
More results

Similar Description - RE46C119

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C109 MICROCHIP-RE46C109 Datasheet
177Kb / 9P
   Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
2009
RE46C108 MICROCHIP-RE46C108 Datasheet
81Kb / 4P
   Piezoelectric Horn Driver and Voltage Regulator
2009
RE46C104 MICROCHIP-RE46C104 Datasheet
83Kb / 5P
   Piezoelectric Horn Driver and Voltage Converter
2009
RE46C107S16F MICROCHIP-RE46C107S16F Datasheet
127Kb / 9P
   DC to DC Converter, Voltage Regulator and Piezoelectric Horn Driver
2009
RE46C107 MICROCHIP-RE46C107 Datasheet
214Kb / 7P
   DC to DC Converter, Voltage Regulator and Piezoelectric Horn Driver
2009
RE46C105 MICROCHIP-RE46C105 Datasheet
90Kb / 5P
   Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
RE46C105E14F MICROCHIP-RE46C105E14F Datasheet
90Kb / 5P
   Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
logo
Maxim Integrated Produc...
MAXQ3210 MAXIM-MAXQ3210 Datasheet
451Kb / 28P
   Microcontroller with Internal Voltage Regulator, Piezoelectric Horn Driver, and Comparator
Rev 1; 5/06
logo
Microchip Technology
RE46C117 MICROCHIP-RE46C117 Datasheet
214Kb / 6P
   DC to DC Converter and Piezoelectric Horn Driver
2009
RE46C317 MICROCHIP-RE46C317 Datasheet
577Kb / 22P
   Piezoelectric Horn Driver with Boost Converter
11/29/12 2012-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com