Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCS214M-2100-G Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # DCS214M-2100-G
Description  Chip Directional Couplers 3W & 5W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

DCS214M-2100-G Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  DCS214M-2100-G Datasheet HTML 1Page - American Accurate Components, Inc. DCS214M-2100-G Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip Directional Couplers 3W & 5W
The content of this specification may change without notification 7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
0.7 max.
Features
EIA Size 0805 Termination Resistor Designed-In Chip Directional Couplers
1: Ideal applications in mobile phones, and smallest chips available.
2: A 200 mW termination resistor is designed in. Offer competitive pricing.
3: Coupling and insertion loss are provided according to a customers specification.
Dimensions, Schematics
(4)
(3)
(4)
(3)
(1) Coupled Output Port
(2) Coupled Termination
(1)
(2)
2.0
Unit : mm
(1)
(2)
(3) Output Port
(4) Input Port
Characteristics
Operating Temperature Range : −30~+85 C
Style No.
Frequency Range
[ MHz ]
Insertion Loss
[ dB ]
Coupling
[ dB ]
Directivity
[ dB ]
VSWR
(max.)
RF Impedance
[ Ω ]
Max.Input Power
[ W ]
DCS214A-0900-G
800~1000
0.3 max.
21.0±2
15 min.
1.35
50
3 max.
DCS214C-0900-G
800~1000
0.3 max.
17.0±2
13 min.
1.20
50
3 max.
DCS214E-0900-G
800~1000
0.3 max.
20.0±2
15 min.
1.20
50
3 max.
DCS214G-0900-G
800~1000
0.4 max.
15.5±2
10 min.
1.20
50
3 max.
DCS214K-0900-G
800~1000
0.3 max.
27.0±2
15 min.
1.30
50
3 max.
DCS214M-0900-G
800~1000
0.3 max.
24.0±2
15 min.
1.35
50
3 max.
DCS214S-0900-G
800~1000
0.3 max.
22.0±2
15 min.
1.30
50
3 max.
DCS214A-1500-G
1400~1600
0.3 max.
17.0±2
11 min.
1.35
50
3 max.
DCS214C-1500-G
1400~1600
0.6 max.
12.5±2
10 min.
1.20
50
2 max.
DCS214E-1500-G
1400~1600
0.3 max.
15.5±2
13 min.
1.20
50
2 max.
DCS214G-1500-G
1400~1600
0.8 max.
11.0±2
8 min.
1.20
50
2 max.
DCS214K-1500-G
1400~1600
0.6 max.
23.0±2
13 min.
1.40
50
3 max.
DCS214M-1500-G
1400~1600
0.4 max.
20.0±2
13 min.
1.40
50
3 max.
DCS214S-1500-G
1400~1600
0.3 max.
18.0±2
13 min.
1.35
50
3 max.
DCS214A-1700-G
1600~1800
0.3 max.
16.0±2
10 min.
1.35
50
2 max.
DCS214C-1700-G
1600~1800
0.8 max.
11.5±2
9 min.
1.20
50
2 max.
DCS214E-1700-G
1600~1800
0.3 max.
14.5±2
12 min.
1.20
50
2 max.
DCS214G-1700-G
1600~1800
1.0 max.
10.0±2
7 min.
1.30
50
2 max.
DCS214K-1700-G
1600~1800
0.8 max.
22.0±2
12 min.
1.40
50
3 max.
DCS214M-1700-G
1600~1800
0.6 max.
19.0±2
12 min.
1.40
50
3 max.
DCS214S-1700-G
1600~1800
0.3 max.
17.0±2
12 min.
1.35
50
3 max.
DCS214A-1900-G
1800~2000
0.3 max.
15.0±2
8 min.
1.35
50
2 max.
DCS214C-1900-G
1800~2000
0.9 max.
10.5±2
9 min.
1.20
50
2 max.
DCS214E-1900-G
1800~2000
0.4 max.
13.5±2
10 min.
1.20
50
2 max.
DCS214G-1900-G
1800~2000
1.2 max.
9.0±2
7 min.
1.35
50
2 max.
DCS214K-1900-G
1800~2000
1.0 max.
21.0±2
12 min.
1.40
50
3 max.
DCS214M-1900-G
1800~2000
0.7 max.
18.0±2
12 min.
1.40
50
3 max.
DCS214S-1900-G
1800~2000
0.3 max.
16.0±2
12 min.
1.35
50
2 max.
DCS214A-2100-G
2000~2200
0.3 max.
14.0±2
8 min.
1.35
50
2 max.
DCS214C-2100-G
2000~2200
1.0 max.
10.0±2
8 min.
1.20
50
2 max.
DCS214E-2100-G
2000~2200
0.5 max.
12.5±2
10 min.
1.20
50
2 max.
DCS214G-2100-G
2000~2200
1.5 max.
8.0±2
6 min.
1.35
50
2 max.
DCS214K-2100-G
2000~2200
0.3 max.
20.0±2
12 min.
1.40
50
3 max.
DCS214M-2100-G
2000~2200
0.3 max.
17.0±2
12 min.
1.40
50
3 max.
DCS214S-2100-G
2000~2200
0.3 max.
15.0±2
10 min.
1.35
50
2 max.
DCS214A-2400-G
2300~2500
0.4 max.
13.0±2
8 min.
1.35
50
2 max.
DCS214C-2400-G
2300~2500
1.2 max.
8.5±2
8 min.
1.20
50
2 max.
DCS214E-2400-G
2300~2500
0.6 max.
11.5±2
10 min.
1.20
50
2 max.
DCS214G-2400-G
2300~2500
1.8 max.
7.0±2
6 min.
1.40
50
2 max.
DCS214K-2400-G
2300~2500
0.4 max.
19.0±2
12 min.
1.40
50
3 max.
DCS214M-2400-G
2300~2500
0.4 max.
16.0±2
11 min.
1.40
50
2 max.
DCS214S-2400-G
2300~2500
0.4 max.
14.0±2
11 min.
1.35
50
2 max.


Similar Part No. - DCS214M-2100-G

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCS2.4S0A0S03NFA DELTA-DCS2.4S0A0S03NFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCS2.4S0A0S03PFA DELTA-DCS2.4S0A0S03PFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCS2.4S0A0S06NFA DELTA-DCS2.4S0A0S06NFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCS2.4S0A0S06PFA DELTA-DCS2.4S0A0S06PFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCS2.4S0A0S12NFA DELTA-DCS2.4S0A0S12NFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
More results

Similar Description - DCS214M-2100-G

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HHM2204SA1 TDK-HHM2204SA1 Datasheet
51Kb / 2P
   Multilayer Chip Directional Couplers
HHM2910E8 TDK-HHM2910E8 Datasheet
49Kb / 2P
   Multilayer Chip Directional Couplers
HHM2914A1 TDK-HHM2914A1 Datasheet
49Kb / 2P
   Multilayer Chip Directional Couplers
HHM2932A1 TDK-HHM2932A1 Datasheet
48Kb / 2P
   Multilayer Chip Directional Couplers
HHM2918A1 TDK-HHM2918A1 Datasheet
49Kb / 2P
   Multilayer Chip Directional Couplers
HHM2915A2 TDK-HHM2915A2 Datasheet
49Kb / 2P
   Multilayer Chip Directional Couplers
HHM2910E4 TDK-HHM2910E4 Datasheet
48Kb / 2P
   Multilayer Chip Directional Couplers
HHM2918A2 TDK-HHM2918A2 Datasheet
49Kb / 2P
   Multilayer Chip Directional Couplers
HHM2920A1 TDK-HHM2920A1 Datasheet
48Kb / 2P
   Multilayer Chip Directional Couplers
HHM2917B1 TDK-HHM2917B1 Datasheet
48Kb / 2P
   Multilayer Chip Directional Couplers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com