Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25AA160D Datasheet(PDF) 5 Page - Microchip Technology

Part # 25AA160D
Description  16K SPI Bus Serial EEPROM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA160D Datasheet(HTML) 5 Page - Microchip Technology

  25AA160D Datasheet HTML 1Page - Microchip Technology 25AA160D Datasheet HTML 2Page - Microchip Technology 25AA160D Datasheet HTML 3Page - Microchip Technology 25AA160D Datasheet HTML 4Page - Microchip Technology 25AA160D Datasheet HTML 5Page - Microchip Technology 25AA160D Datasheet HTML 6Page - Microchip Technology 25AA160D Datasheet HTML 7Page - Microchip Technology 25AA160D Datasheet HTML 8Page - Microchip Technology 25AA160D Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
© 2009 Microchip Technology Inc.
DS22150A-page 5
25XX160C/D
FIGURE 1-1:
HOLD TIMING
FIGURE 1-2:
SERIAL INPUT TIMING
FIGURE 1-3:
SERIAL OUTPUT TIMING
CS
SCK
SO
SI
HOLD
17
16
16
17
19
18
Don’t Care
5
High-Impedance
n + 2
n + 1
n
n - 1
n
n + 2
n + 1
n
n
n - 1
CS
SCK
SI
SO
6
5
8
7
11
3
LSB in
MSB in
High-Impedance
12
Mode 1,1
Mode 0,0
2
4
CS
SCK
SO
10
9
13
MSB out
ISB out
3
15
Don’t Care
SI
Mode 1,1
Mode 0,0
14


Similar Part No. - 25AA160D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA160D MICROCHIP-25AA160D Datasheet
990Kb / 34P
   16K SPI Bus Serial EEPROM
11/29/12
More results

Similar Description - 25AA160D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC160A MICROCHIP-25LC160A_06 Datasheet
441Kb / 24P
   16K SPI Bus Serial EEPROM
2006
25C160 MICROCHIP-25C160 Datasheet
241Kb / 22P
   16K SPI Bus Serial EEPROM
07/12/04
25AA160 MICROCHIP-25AA160_13 Datasheet
327Kb / 22P
   16K SPI Bus Serial EEPROM
10/26/12
25LC160A MICROCHIP-25LC160A Datasheet
521Kb / 24P
   16K SPI Bus Serial EEPROM
2003
25AA160C MICROCHIP-25AA160C_12 Datasheet
990Kb / 34P
   16K SPI Bus Serial EEPROM
11/29/12
25AA160 MICROCHIP-25AA160 Datasheet
320Kb / 22P
   16K SPI Bus Serial EEPROM
2004
25AA080 MICROCHIP-25AA080 Datasheet
92Kb / 12P
   8K/16K 1.8V SPI Bus Serial EEPROM
1996
25C080 MICROCHIP-25C080 Datasheet
85Kb / 12P
   8K/16K 5.0V SPI Bus Serial EEPROM
1996
25LC080 MICROCHIP-25LC080 Datasheet
86Kb / 12P
   8K/16K 2.5V SPI O Bus Serial EEPROM
1996
logo
Fairchild Semiconductor
NM25C160 FAIRCHILD-NM25C160 Datasheet
100Kb / 10P
   16K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com