Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP14B1003BE Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # TSOP14B1003BE
Description  TSOP Series Ultra Precision Molded Resistor Networks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

TSOP14B1003BE Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  TSOP14B1003BE Datasheet HTML 1Page - American Accurate Components, Inc. TSOP14B1003BE Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
American Accurate Components, Inc.
TSOP Series Ultra Precision Molded Resistor Networks
The content of this specification may change without notification 1/01/06
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
2
CIRCUIT SPECIFICATION
Circuit Symbol
A
B
C
D
E
TSOP 08
Circuit Layout Options
Resistance Range (
Ω)
50.0 ~ 22.0K
50.0 ~ 10.0K
50.0 ~ 22.0K
50.0 ~ 22K
500 ~ 10.0K
CIRCUIT SPECIFICATION – 16 PINS
Circuit Symbol
A
B
C
TSOP 16
Circuit Layout Options
Resistance Range (
Ω)
50.0 ~ 22.0K
50.0 ~ 10.0K
50.0 ~ 22.0K
Circuit Symbol
D
E
TSOP 16
Circuit Layout Options
Resistance Range (
Ω)
50.0 ~ 22K
500 ~ 10.0K
PERFORMANCE
TEST
TEST METHOD
REQUIREMENTS
Operating Temperature Range
-55ºC ~ 155ºC
Short Time Overload
2.5 x rated voltage for 5 seconds
± (0.02% + 0.01Ω)
Temperature Cycle
-55ºC ~ 155ºC for 5 cycles
± (0.02% + 0.01Ω)
Resistance to Solder Heat
250ºC for 10 seconds
± (0.02% + 0.01Ω)
Moisture Resistance Load Life
40
°C, 90 ~ 95% R.H. rated voltage, 1,000 hours
± (0.02% + 0.01Ω)
Load Life at 70
°C
70
°C, rated voltage, 1.5 hours on, 0.5 hours off, 1,000 hours
± (0.02% + 0.01Ω)


Similar Part No. - TSOP14B1003BE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP141 VISHAY-TSOP141 Datasheet
259Kb / 8P
   IR Receiver Modules for Remote Control Systems
01-Jan-2022
TSOP141 VISHAY-TSOP141 Datasheet
259Kb / 8P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
TSOP141.. VISHAY-TSOP141.. Datasheet
259Kb / 8P
   IR Receiver Modules for Remote Control Systems
01-Jan-2022
TSOP141.. VISHAY-TSOP141.. Datasheet
259Kb / 8P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
TSOP14130 VISHAY-TSOP14130 Datasheet
259Kb / 8P
   IR Receiver Modules for Remote Control Systems
01-Jan-2022
More results

Similar Description - TSOP14B1003BE

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
TSOP08A1003AR AAC-TSOP08A1003AR_17 Datasheet
791Kb / 2P
   TSOP ULTRA PRECISION RESISTOR NETWORKS
logo
Token Electronics Indus...
UPSC TOKEN-UPSC Datasheet
448Kb / 6P
   Ultra Precision Resistor Networks
UPR TOKEN-UPR Datasheet
441Kb / 6P
   Ultra Precision Resistor Networks
logo
American Accurate Compo...
CTN1A-C-1003ATPLM AAC-CTN1A-C-1003ATPLM Datasheet
126Kb / 2P
   Ultra Precision Resistor Arrays & Networks
logo
RHOPOINT COMPONENTS
T912-A10K-010-02 RHOPOINT-T912-A10K-010-02 Datasheet
340Kb / 1P
   Precision Resistor Networks
logo
Vishay Siliconix
MRCN VISHAY-MRCN Datasheet
69Kb / 2P
   Resistor/Capacitor Networks, Molded SIP
Revision: 01-Aug-05
logo
Riedon Powertron
MF4115 RIEDON-MF4115 Datasheet
330Kb / 1P
   Precision Metal Film Resistor Networks
logo
Willow Technologies Ltd
MF4115 WILLOW-MF4115 Datasheet
394Kb / 1P
   Precision Metal Film Resistor Networks
logo
Riedon Powertron
MF4200 RIEDON-MF4200 Datasheet
336Kb / 1P
   Precision Metal Film Resistor Networks
MF4200 RIEDON-MF4200_13 Datasheet
174Kb / 1P
   Precision Metal Film Resistor Networks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com