Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP6L1R Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6L1R
Description  2.8 MHz, 200 關A Op Amps
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L1R Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6L1R Datasheet HTML 3Page - Microchip Technology MCP6L1R Datasheet HTML 4Page - Microchip Technology MCP6L1R Datasheet HTML 5Page - Microchip Technology MCP6L1R Datasheet HTML 6Page - Microchip Technology MCP6L1R Datasheet HTML 7Page - Microchip Technology MCP6L1R Datasheet HTML 8Page - Microchip Technology MCP6L1R Datasheet HTML 9Page - Microchip Technology MCP6L1R Datasheet HTML 10Page - Microchip Technology MCP6L1R Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22135A-page 7
MCP6L1/1R/2/4
Note: Unless otherwise indicated, TA = +25°C, VDD = +5.0V, VSS = GND, VCM =VSS, VOUT =VDD/2, VL =VDD/2,
RL =10kΩ to VL and CL = 60 pF.
FIGURE 2-13:
Ratio of Output Voltage
Headroom to Output Current vs. Output Current.
FIGURE 2-14:
Small Signal, Non-Inverting
Pulse Response.
FIGURE 2-15:
Large Signal, Non-Inverting
Pulse Response.
FIGURE 2-16:
Slew Rate vs. Ambient
Temperature.
FIGURE 2-17:
Output Voltage Swing vs.
Frequency.
0
10
20
30
40
50
60
70
1.E-04
1.E-03
1.E-02
Output Current Magnitude (A)
100µ
10m
1m
VDD – VOH
IOUT
VOL – VSS
-IOUT
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
0.E+00
1.E-06
2.E-06
3.E-06
4.E-06
5.E-06
6.E-06
7.E-06
8.E-06
9.E-06
1.E-05
Time (1 µs/div)
G = +1 V/V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.E+00
1.E-06
2. E-06
3.E-06
4.E-06
5. E-06
6.E-06
7. E-06
8.E -06
9.E-06
1. E-05
Time (1 µs/div)
G = +1 V/V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
255075
100
125
Ambient Temperature (°C)
Rising Edge
Falling Edge
0.1
1
10
1.E+04
1.E+05
1.E+06
Frequency (Hz)
VDD = 5.5V
10k
100k
1M
VDD = 2.7V


Similar Part No. - MCP6L1R

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6L01 MICROCHIP-MCP6L01 Datasheet
527Kb / 32P
   1 MHz, 85 關A Op Amps
2009
MCP6L01R MICROCHIP-MCP6L01R Datasheet
527Kb / 32P
   1 MHz, 85 關A Op Amps
2009
MCP6L01RT MICROCHIP-MCP6L01RT Datasheet
527Kb / 32P
   1 MHz, 85 關A Op Amps
2009
MCP6L01RT-E/LT MICROCHIP-MCP6L01RT-E/LT Datasheet
527Kb / 32P
   1 MHz, 85 關A Op Amps
2009
MCP6L01RT-E/MS MICROCHIP-MCP6L01RT-E/MS Datasheet
527Kb / 32P
   1 MHz, 85 關A Op Amps
2009
More results

Similar Description - MCP6L1R

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6L01 MICROCHIP-MCP6L01 Datasheet
527Kb / 32P
   1 MHz, 85 關A Op Amps
2009
MCP6401 MICROCHIP-MCP6401_10 Datasheet
1Mb / 38P
   1 MHz, 45 關A Op Amps
2010
MCP6L91 MICROCHIP-MCP6L91 Datasheet
480Kb / 30P
   10 MHz, 850 關A Op Amps
2009
MCP6L71 MICROCHIP-MCP6L71 Datasheet
476Kb / 32P
   2 MHz, 150 關A Op Amps
2009
MCP6V27 MICROCHIP-MCP6V27 Datasheet
1Mb / 46P
   620 關A, 2 MHz Auto-Zeroed Op Amps
2011
MCP6V76 MICROCHIP-MCP6V76 Datasheet
1Mb / 48P
   170 關A, 2 MHz Zero-Drift Op Amps
02/28/20
MCP6V66 MICROCHIP-MCP6V66 Datasheet
1Mb / 46P
   80 關A, 1 MHz Zero-Drift Op Amps
05/14/19
MCP6V26 MICROCHIP-MCP6V26 Datasheet
2Mb / 50P
   620 關A, 2 MHz Auto-Zeroed Op Amps
08/02/11
MCP6401 MICROCHIP-MCP6401 Datasheet
497Kb / 28P
   1 MHz, 45 A Op Amps
2009
MCP621 MICROCHIP-MCP621_V01 Datasheet
2Mb / 68P
   20 MHz, 200 μV Op Amps with mCal
Revision E November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com