Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP9509H Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP9509H
Description  Resistor-Programmable Temperature Switches
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9509H Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP9509H Datasheet HTML 7Page - Microchip Technology MCP9509H Datasheet HTML 8Page - Microchip Technology MCP9509H Datasheet HTML 9Page - Microchip Technology MCP9509H Datasheet HTML 10Page - Microchip Technology MCP9509H Datasheet HTML 11Page - Microchip Technology MCP9509H Datasheet HTML 12Page - Microchip Technology MCP9509H Datasheet HTML 13Page - Microchip Technology MCP9509H Datasheet HTML 14Page - Microchip Technology MCP9509H Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
© 2008 Microchip Technology Inc.
DS22114A-page 11
MCP9509/10
4.0
FUNCTIONAL DESCRIPTION
The MCP9509/10 integrates a temperature switch with
a user programmable threshold. The temperature
switch threshold or alert limit is programmed using an
external resistor RSET. A logic signal is asserted when
the die temperature crosses the programmed alert
limit. The MCP9509 has an Open-Drain output which
requires an external pull-up resistor for operation. The
MCP9510 output can be configured to three user
selectable output configurations. The OUTSET pin is
used to select Active-Low Push-Pull, Active-Low
Open-Drain (with internal 100 k
Ω pull-up resistor),
Active-High Push-Pull output configurations. In addi-
tion, this device provides user selectable hysteresis of
2°C and 10°C (typical).
4.1
SET Input Pin
The SET input pin is used to connect an external
resistor RSET. The resistor sets the alert threshold. The
SET pin outputs a constant current ISET (~5 µA) to bias
RSET (Shown in Figure 4-1). The voltage across RSET,
VSET, is compared to an internal thermal diode.
FIGURE 4-1:
SET input.
When the thermal diode voltage exceeds VSET, the
sensor
output
asserts.
The
assert
polarity
is
determined by the state of the OUTSET pin.
4.2
MCP9510 OUTSET Input Pin
This pin is used to select the device output configura-
tion. This feature enables in-circuit device output con-
figuration by driving this pin with a microcontroller I/O
pin to Output-HIGH, Output-LOW, or High-Impedance
input. Figure 4-4 shows the configuration and output
conditions.
The input structure of this pin consists of a resistor lad-
der and comparators to determine OUTSET level
threshold. Figure 4-2 shows the circuit configuration.
The OUTSET input resistance must be carefully
considered for leakage current when connecting volt-
age source to change output configuration.
FIGURE 4-2:
MCP9510 OUTSET Input
Structure.
The OUTSET pin input impedance ZOUTSET is set by
the internal resistance RA = 1 MΩ (typical). The input
structure is a voltage divider network from VDD.
Therefore, the leakage current on the OUTSET pin is a
function of change in VDD and the VOSET.
4.3
HYST Input Pin (Hysteresis Select)
The MCP9509/10 family has a user selectable
hysteresis input pin HYST. Hysteresis can be externally
selected to either 2°C (HYST = GND) or 10°C
(HYST = VDD). Figure 4-3 shows graphical description
of change in hysteresis.
For example, if the alert temperature threshold is set to
TSET = 100°C (RSET = 16.1 kΩ) with an Active-Low out-
put configuration, the output asserts Low when temper-
ature exceeds 100°C ± TACY. The output remains
asserted Low until temperautre falls below THYST, 98°C
(HYST = GND) or 90°C (HYST = VDD).
FIGURE 4-3:
Output Hysteresis.
SET
RSET
VSET
ISET
Rx
+
-
OUT/
OUT
Thermal
Diode
VDD
+
-
-
+
OUTSET
Pin
RA
RA
R1
R2
R3
MCP9510
Cold
Hot
TSET
THYST
Temperature
V
10°C Typical Hysteresis
2°C Typical
Hysteresis


Similar Part No. - MCP9509H

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9509HT-E MICROCHIP-MCP9509HT-E Datasheet
863Kb / 20P
   Adding Intelligence to Lighting Applications
Summer 2010
MCP9509HT-E MICROCHIP-MCP9509HT-E Datasheet
335Kb / 28P
   Resistor-Programmable Temperature Switches
01/02/08
MCP9509HT-EOT MICROCHIP-MCP9509HT-EOT Datasheet
335Kb / 28P
   Resistor-Programmable Temperature Switches
01/02/08
MCP9509HT-EOT MICROCHIP-MCP9509HT-EOT Datasheet
335Kb / 28P
   Resistor-Programmable Temperature Switches
01/02/08
MCP9509HT-EOT MICROCHIP-MCP9509HT-EOT Datasheet
346Kb / 28P
   Resistor-Programmable Temperature Switches
01/02/08
More results

Similar Description - MCP9509H

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9509HT-E MICROCHIP-MCP9509HT-E Datasheet
335Kb / 28P
   Resistor-Programmable Temperature Switches
01/02/08
MCP9510HT-E MICROCHIP-MCP9510HT-E Datasheet
346Kb / 28P
   Resistor-Programmable Temperature Switches
01/02/08
MCP9509CT-E MICROCHIP-MCP9509CT-E Datasheet
335Kb / 28P
   Resistor-Programmable Temperature Switches
01/02/08
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509 Datasheet
141Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 0; 1/00
MAX6509 MAXIM-MAX6509_03 Datasheet
199Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 2; 11/03
logo
Global Mixed-mode Techn...
G705 GMT-G705 Datasheet
84Kb / 1P
   Resistor-Programmable SOT Temperature Switches
logo
Maxim Integrated Produc...
MAX6510HAUT MAXIM-MAX6510HAUT Datasheet
156Kb / 9P
   Resistor-Programmable SOT Temperature Switches
Rev 3; 5/13
logo
Global Mixed-mode Techn...
G708 GMT-G708 Datasheet
76Kb / 1P
   Resistor-Programmable SOT Temperature Switches
G709 GMT-G709 Datasheet
40Kb / 1P
   Resistor-Programmable SOT Temperature Switches
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_V01 Datasheet
1Mb / 9P
   Resistor-Programmable SOT Temperature Switches
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com