Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23K256 Datasheet(PDF) 4 Page - Microchip Technology

Part # 23K256
Description  256K SPI Bus Low-Power Serial SRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23K256 Datasheet(HTML) 4 Page - Microchip Technology

  23K256 Datasheet HTML 1Page - Microchip Technology 23K256 Datasheet HTML 2Page - Microchip Technology 23K256 Datasheet HTML 3Page - Microchip Technology 23K256 Datasheet HTML 4Page - Microchip Technology 23K256 Datasheet HTML 5Page - Microchip Technology 23K256 Datasheet HTML 6Page - Microchip Technology 23K256 Datasheet HTML 7Page - Microchip Technology 23K256 Datasheet HTML 8Page - Microchip Technology 23K256 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
23A256/23K256
DS22100D-page 4
© 2009 Microchip Technology Inc.
TABLE 1-3:
AC TEST CONDITIONS
14
TDIS
Output disable time
20
20
20
20
ns
ns
ns
ns
VCC
= 1.5V (I-Temp)
VCC
= 1.8V (I-Temp)
VCC
= 3.0V (E-Temp)
VCC
= 3.0V (I-Temp)
15
THS
HOLD setup time
10
ns
16
THH
HOLD hold time
10
ns
17
THZ
HOLD low to output High-Z
10
ns
18
THV
HOLD high to output valid
50
ns
TABLE 1-2:
AC CHARACTERISTICS (CONTINUED)
AC CHARACTERISTICS
Industrial (I):
TA = -40°C to +85°C
Automotive (E): TA = -40°C to +125°C
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Test Conditions
Note 1:
This parameter is periodically sampled and not 100% tested.
AC Waveform:
Input pulse level
0.1 VCC to 0.9 VCC
Input rise/fall time
5 ns
Operating temperature
-40°C to +125°C
CL = 100 pF
Timing Measurement Reference Level:
Input
0.5 VCC
Output
0.5 VCC


Similar Part No. - 23K256

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
23K256 MICROCHIP-23K256 Datasheet
563Kb / 28P
   256K SPI Bus Low-Power Serial SRAM
2010
23K256 MICROCHIP-23K256 Datasheet
412Kb / 27P
   256-Kbit SPI Bus Low-Power Serial SRAM
Revision G (04/2022)
23K256-E/P MICROCHIP-23K256-E/P Datasheet
563Kb / 28P
   256K SPI Bus Low-Power Serial SRAM
2010
23K256-E/P MICROCHIP-23K256-E/P Datasheet
609Kb / 28P
   256K SPI Bus Low-Power Serial SRAM
08/02/11
23K256-E/SN MICROCHIP-23K256-E/SN Datasheet
563Kb / 28P
   256K SPI Bus Low-Power Serial SRAM
2010
More results

Similar Description - 23K256

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
23A256 MICROCHIP-23A256_10 Datasheet
563Kb / 28P
   256K SPI Bus Low-Power Serial SRAM
2010
23A256 MICROCHIP-23A256_11 Datasheet
609Kb / 28P
   256K SPI Bus Low-Power Serial SRAM
08/02/11
23A640 MICROCHIP-23A640_11 Datasheet
608Kb / 28P
   64K SPI Bus Low-Power Serial SRAM
08/02/11
23A640 MICROCHIP-23A640_10 Datasheet
563Kb / 28P
   64K SPI Bus Low-Power Serial SRAM
2010
23A640 MICROCHIP-23A640 Datasheet
368Kb / 26P
   64K SPI Bus Low-Power Serial SRAM
2009
25AA256 MICROCHIP-25AA256_07 Datasheet
598Kb / 26P
   256K SPI Bus Serial EEPROM
2007
25LC256-I MICROCHIP-25LC256-I Datasheet
509Kb / 26P
   256K SPI Bus Serial EEPROM
12/08/06
25LC256-E MICROCHIP-25LC256-E Datasheet
600Kb / 26P
   256K SPI Bus Serial EEPROM
12/08/06
25AA256-I MICROCHIP-25AA256-I Datasheet
509Kb / 26P
   256K SPI Bus Serial EEPROM
12/08/06
25LC256-I MICROCHIP-25LC256-I Datasheet
837Kb / 26P
   256K SPI Bus Serial EEPROM
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com