Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1415T Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1415T
Description  Tiny 1.5A, High-Speed Power MOSFET Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1415T Datasheet(HTML) 3 Page - Microchip Technology

  MCP1415T Datasheet HTML 1Page - Microchip Technology MCP1415T Datasheet HTML 2Page - Microchip Technology MCP1415T Datasheet HTML 3Page - Microchip Technology MCP1415T Datasheet HTML 4Page - Microchip Technology MCP1415T Datasheet HTML 5Page - Microchip Technology MCP1415T Datasheet HTML 6Page - Microchip Technology MCP1415T Datasheet HTML 7Page - Microchip Technology MCP1415T Datasheet HTML 8Page - Microchip Technology MCP1415T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
© 2008 Microchip Technology Inc.
DS22092C-page 3
MCP1415/16
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD, Supply Voltage........................................................+20V
VIN, Input Voltage.........................(VDD + 0.3V) to (GND - 5V)
Package Power Dissipation (TA = 50°C)
5L SOT23.................................................................0.39W
ESD Protection on all Pins
.............................2.0 kV (HBM)
.....................................................................400V (MM)
Notice: Stresses above those listed under "Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational sections of this specification is not intended.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, T
A = +25°C, with 4.5V ≤ VDD ≤ 18V
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’ High Input Voltage
VIH
2.4
1.9
V
Logic ‘0’ Low Input Voltage
VIL
—1.6
0.8
V
Input Current
IIN
-1
+1
µA
0V
≤ V
IN ≤ VDD
Input Voltage
VIN
-5
VDD+0.3
V
Output
High Output Voltage
VOH
VDD - 0.025
V
DC Test
Low Output Voltage
VOL
0.025
V
DC Test
Output Resistance, High
ROH
—6
7.5
Ω
IOUT =10mA, VDD = 18V
(Note 2)
Output Resistance, Low
ROL
—4
5.5
Ω
IOUT =10mA, VDD = 18V
(Note 2)
Peak Output Current
IPK
—1.5
A
VDD =18V (Note 2)
Latch-Up Protection With-
stand Reverse Current
IREV
0.5
A
Duty cycle
≤ 2%, t ≤ 300 µs
(Note 2)
Switching Time (Note 1)
Rise Time
tR
—20
25
ns
Figure 4-1, Figure 4-2
CL =1000pF (Note 2)
Fall Time
tF
—20
25
ns
Figure 4-1, Figure 4-2
CL =1000pF (Note 2)
Delay Time
tD1
—41
50
ns
Figure 4-1, Figure 4-2
(Note 2)
Delay Time
tD2
—48
55
ns
Figure 4-1, Figure 4-2
(Note 2)
Power Supply
Supply Voltage
VDD
4.5
18
V
Power Supply Current
IS
0.65
1.1
mA
VIN =3V
IS
—0.1
0.15
mA
VIN =0V
Note 1: Switching times ensured by design.
2: Tested during characterization, not production tested.


Similar Part No. - MCP1415T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1415T-E MICROCHIP-MCP1415T-E Datasheet
488Kb / 22P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
MCP1415T-OT MICROCHIP-MCP1415T-OT Datasheet
488Kb / 22P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
More results

Similar Description - MCP1415T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415_16 Datasheet
743Kb / 17P
   Tiny 1.5A, High-Speed Power MOSFET Driver
07/14/15
MCP1415 MICROCHIP-MCP1415_10 Datasheet
488Kb / 22P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
MCP1401 MICROCHIP-MCP1401 Datasheet
266Kb / 20P
   Tiny 500 mA, High-Speed Power MOSFET Driver
MCP1401 MICROCHIP-MCP1401_14 Datasheet
350Kb / 20P
   Tiny 500 mA, High-Speed Power MOSFET Driver
03/25/14
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com