Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JXWBHP-A-5-500-23 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # JXWBHP-A-5-500-23
Description  Mixers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

JXWBHP-A-5-500-23 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  JXWBHP-A-5-500-23 Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mixers
The content of this specification may change without notification 7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
Mixers
A1
Level 23
0. 01 to 2500MHz
+23dBm LO,up to +15dBm RF
Plug- in
Freq. Range
(MHz)
Conversion Loss
(dB)
LO-RF Isolation
(dB)
LO-IF Isolation
(dB)
P/N
RF/LO
IF
m
Total
L
M
U
L
M
U
Case
fL-fU
Typ
Max
Max
Typ/Min
Typ/Min
Typ/Min
Typ/Min
Typ/Min
Typ/Min
JXWBHP-A-5-500-23
5-500
5-500
6.7
7.5
8.5
55/45
40/30
30/25
55/45
40/30
30/20
A1
JXWBHP-A-10-1000-23
10-1000
5-1000
7.0
8.5
10.0
50/35
40/30
35/25
50/35
35/25
25/20
A1
JXWBHP-A-0.07-200-23
0.07-200
5-200
6.0
7.5
8.0
55/45
40/30
30/25
55/45
40/30
30/20
A1
JXWBHP-A-0.01-100-23
0.01-100
5-100
5.5
7.0
8.0
60/50
50/40
40/30
50/45
40/30
30/20
A1
JXWBHP-A-100-2500-23
100-2500
5-500
7.5
8.0
9.0
35/25
30/25
30/25
15/10
20/10
20/10
A1
Notes:
1. Operating Temperature : -40
OC to +80 OC. Storage Temperature : -55 OC to +85 OC.
2. L=low range [fL to 10 fL ]
M=mid range [10 fL to fU/2]
U=upper range[fU/2 to fU]
3. Customer Designs Available


Similar Part No. - JXWBHP-A-5-500-23

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBHP-A-5-500-7 AAC-JXWBHP-A-5-500-7 Datasheet
114Kb / 1P
   Mixers
More results

Similar Description - JXWBHP-A-5-500-23

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBHP-N-1-600-10 AAC-JXWBHP-N-1-600-10 Datasheet
112Kb / 1P
   Mixers
logo
Siemens Semiconductor G...
S042P SIEMENS-S042P Datasheet
85Kb / 6P
   Mixers
logo
American Accurate Compo...
JXWBHP-A-2-600-13 AAC-JXWBHP-A-2-600-13 Datasheet
121Kb / 1P
   Mixers
JXWBHP-N-2-600-7 AAC-JXWBHP-N-2-600-7 Datasheet
114Kb / 1P
   Mixers
JXWBHP-H-0.5-500-7 AAC-JXWBHP-H-0.5-500-7 Datasheet
85Kb / 1P
   Mixers
logo
Mini-Circuits
SBL-1 MINI-SBL-1 Datasheet
268Kb / 2P
   Frequency Mixers
logo
Texas Instruments
TL442M TI-TL442M Datasheet
358Kb / 6P
[Old version datasheet]   Balanced mixers
logo
Mini-Circuits
MAC-42LH MINI-MAC-42LH Datasheet
1Mb / 4P
   Frequency Mixers
MAC-80LH MINI-MAC-80LH Datasheet
1Mb / 4P
   Frequency Mixers
MAC-85 MINI-MAC-85 Datasheet
1Mb / 4P
   Frequency Mixers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com