Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JXWBVCO-A-160-300 Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # JXWBVCO-A-160-300
Description  Voltage Controlled Oscillators 4 to 2500MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

JXWBVCO-A-160-300 Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  JXWBVCO-A-160-300 Datasheet HTML 1Page - American Accurate Components, Inc. JXWBVCO-A-160-300 Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Voltage Controlled Oscillators 4 to 2500MHz
The content of this specification may change without notification 10/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
2
American Accurate Components, Inc.
Oscillators
C
TO8D
TO8E
Plug- in
Voltage
Controlled
Oscillators
4
to
2500MHz
Continued
P/N
Freq. Range
Tuning Voltage
Range
Tuning
Sensitivity
Phase Noise
(dBc/Hz)
DC
Supply
Power
Output
Power Output
Flatness
Case
(MHz)
(V)
(MHz/V)
@10KHz
@100KHz
(V)
(dBm)
(dBm)
JXWBVCO-TD-120-200
120-200
1.0-12
6.0±2.0
-106
-126
+12
8
±2
TO 8D
JXWBVCO-TE-120-200
120-200
1.0-12
6.0±2.0
-106
-126
+12
8
±2
TO 8E
JXWBVCO-TD-200-300
200-300
1.0-12
8.0±2.0
-105
-125
+12
8
±2
TO 8D
JXWBVCO-TE-200-300
200-300
1.0-12
8.0±2.0
-105
-125
+12
8
±2
TO 8E
JXWBVCO-TD-300-400
300-400
1.0-12
8.0±2.0
-105
-125
+12
9
±2
TO 8D
JXWBVCO-TE-300-400
300-400
1.0-12
8.0±2.0
-105
-125
+12
9
±2
TO 8E
JXWBVCO-TD-500-600
500-600
1.0-12
8.0±2.0
-103
-123
+12
9
±2
TO 8D
JXWBVCO-TE-500-600
500-600
1.0-12
8.0±2.0
-103
-123
+12
9
±2
TO 8E
JXWBVCO-TD-750-850
750-850
1.0-12
9.0±2.0
-100
-120
+12
9
±2
TO 8D
JXWBVCO-TE-750-850
750-850
1.0-12
9.0±2.0
-100
-120
+12
9
±2
TO 8E
JXWBVCO-TD-850-950
850-950
1.0-12
9.0±2.0
-100
-120
+12
8
±2
TO 8D
JXWBVCO-TE-850-950
850-950
1.0-12
9.0±2.0
-100
-120
+12
8
±2
TO 8E
JXWBVCO-TD-1050-1200
1050-1200
1.0-12
13±2.0
-90
-110
+12
8
±2
TO 8D
JXWBVCO-TE-1050-1200
1050-1200
1.0-12
13±2.0
-90
-110
+12
8
±2
TO 8E
JXWBVCO-TD-1200-1400
1200-1400
1.0-12
13±2.0
-90
-110
+12
8
±2
TO 8D
JXWBVCO-TE-1200-1400
1200-1400
1.0-12
13±2.0
-90
-110
+12
8
±2
TO 8E
JXWBVCO-TD-1300-1600
1300-1600
1.0-12
18±2.0
-85
-105
+12
8
±2
TO 8D
JXWBVCO-TE-1300-1600
1300-1600
1.0-12
18±2.0
-85
-105
+12
8
±2
TO 8E
JXWBVCO-TD-1450-1700
1450-1700
1.0-12
17±3.0
-85
-105
+12
8
±2
TO 8D
JXWBVCO-TE-1450-1700
1450-1700
1.0-12
17±3.0
-85
-105
+12
8
±2
TO 8E
JXWBVCO-TD-1550-1800
1550-1800
1.0-12
17±3.0
-85
-105
+12
8
±2
TO 8D
JXWBVCO-TE-1550-1800
1550-1800
1.0-12
17±3.0
-85
-105
+12
8
±2
TO 8E
JXWBVCO-TD-1650-1900
1650-1900
1.0-12
17±3.0
-85
-105
+12
8
±2
TO 8D
JXWBVCO-TE-1650-1900
1650-1900
1.0-12
17±3.0
-85
-105
+12
8
±2
TO 8E
JXWBVCO-TD-1750-2000
1750-2000
1.0-12
17±3.0
-85
-105
+12
8
±2
TO 8D
JXWBVCO-TE-1750-2000
1750-2000
1.0-12
17±3.0
-85
-105
+12
8
±2
TO 8E
Notes:
1. For Commerical Application: Operating Temperature : -20
OC to +60 OC. Storage Temperature : -30 OC to +70 OC.
2. For Military Application: Operating Temperature : -40
OC to +80 OC. Storage Temperature : -55 OC to +85 OC.
3. Custom Designs Available


Similar Part No. - JXWBVCO-A-160-300

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBVCO-S-1040-1540 AAC-JXWBVCO-S-1040-1540 Datasheet
84Kb / 1P
   Voltage Controlled Oscillators 140 to 2600MHz
JXWBVCO-S-1050-1200 AAC-JXWBVCO-S-1050-1200 Datasheet
59Kb / 1P
   Voltage Controlled Oscillators 120 to 2000MHz
JXWBVCO-S-1080-1105 AAC-JXWBVCO-S-1080-1105 Datasheet
84Kb / 1P
   Voltage Controlled Oscillators 140 to 2600MHz
JXWBVCO-S-1125-1150 AAC-JXWBVCO-S-1125-1150 Datasheet
84Kb / 1P
   Voltage Controlled Oscillators 140 to 2600MHz
JXWBVCO-S-1162-1187 AAC-JXWBVCO-S-1162-1187 Datasheet
84Kb / 1P
   Voltage Controlled Oscillators 140 to 2600MHz
More results

Similar Description - JXWBVCO-A-160-300

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
ZD4060 AAC-ZD4060 Datasheet
53Kb / 1P
   Broadband Voltage Controlled Oscillators 4 to 18GHz
logo
Mini-Circuits
K-POS-2 MINI-K-POS-2 Datasheet
242Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
Texas Instruments
SN54LS624 TI1-SN54LS624_14 Datasheet
953Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
SN54LS624 TI-SN54LS624 Datasheet
398Kb / 10P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
logo
SYNERGY MICROWAVE CORPO...
CFO284SA SYNERGY-CFO284SA Datasheet
337Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
Texas Instruments
SN74LS624NSR TI-SN74LS624NSR Datasheet
726Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
SN74LS628DR TI-SN74LS628DR Datasheet
726Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
logo
SYNERGY MICROWAVE CORPO...
VCO-S-A12 SYNERGY-VCO-S-A12 Datasheet
158Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
American Accurate Compo...
JXWBVCO-S-120-200 AAC-JXWBVCO-S-120-200 Datasheet
59Kb / 1P
   Voltage Controlled Oscillators 120 to 2000MHz
logo
SYNERGY MICROWAVE CORPO...
VCSO-0C12 SYNERGY-VCSO-0C12 Datasheet
515Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com