Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2034 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK2034
Description  N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2034 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK2034 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2034 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2034 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SK2034
2007-11-01
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
2SK2034
High Speed Switching Applications
Analog Switch Applications
• High input impedance.
• Low gate threshold voltage.: Vth = 0.5~1.5 V
• Excellent switching times: ton = 0.16 μs (typ.)
toff = 0.15 μs (typ.)
• Small package.
• Enhancement-mode
Marking
Equivalent Circuit
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDS
20
V
Gate-source voltage
VGSS
10
V
DC drain current
ID
100
mA
Drain power dissipation
PD
100
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note: This transistor is electrostatic sensitive device. Please handle with caution.
Unit: mm
JEDEC
JEITA
SC-70
TOSHIBA
2-2E1E
Weight: 0.006 g (typ.)


Similar Part No. - 2SK2034

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
2SK2034 VBSEMI-2SK2034 Datasheet
1,012Kb / 8P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - 2SK2034

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN1K03FU TOSHIBA-HN1K03FU Datasheet
181Kb / 4P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
2SK1826 TOSHIBA-2SK1826_07 Datasheet
567Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
HN4K03JU TOSHIBA-HN4K03JU Datasheet
187Kb / 4P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
2SK2009 TOSHIBA-2SK2009 Datasheet
173Kb / 3P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
2SK1827 TOSHIBA-2SK1827_07 Datasheet
537Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
2SK1826 TOSHIBA-2SK1826 Datasheet
199Kb / 4P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
2SK2033 TOSHIBA-2SK2033 Datasheet
196Kb / 3P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
2SK1829 TOSHIBA-2SK1829_07 Datasheet
533Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
HN1K02FU TOSHIBA-HN1K02FU Datasheet
201Kb / 4P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
2SK1825 TOSHIBA-2SK1825_07 Datasheet
537Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com