Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1802 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1802
Description  300 mA, High PSRR, Low Quiescent Current LDO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1802 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1802_09 Datasheet HTML 4Page - Microchip Technology MCP1802_09 Datasheet HTML 5Page - Microchip Technology MCP1802_09 Datasheet HTML 6Page - Microchip Technology MCP1802_09 Datasheet HTML 7Page - Microchip Technology MCP1802_09 Datasheet HTML 8Page - Microchip Technology MCP1802_09 Datasheet HTML 9Page - Microchip Technology MCP1802_09 Datasheet HTML 10Page - Microchip Technology MCP1802_09 Datasheet HTML 11Page - Microchip Technology MCP1802_09 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
MCP1802
DS22053B-page 8
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated: VR = 3.3V, COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL = 100 µA,
TA = +25°C, VIN = VR + 1.0V, SOT-23-5.
FIGURE 2-19: Load Regulation vs.
Temperature.
FIGURE 2-20: Load Regulation vs.
Temperature.
FIGURE 2-21: Line Regulation vs.
Temperature.
FIGURE 2-22: Line Regulation vs.
Temperature.
FIGURE 2-23: Line Regulation vs.
Temperature.
FIGURE 2-24: PSRR vs. Frequency.
-0.60
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
-45
-22.5
0
22.5
45
67.5
90
Temperature (°C)
VOUT = 3.3V
IOUT = 0.1 mA to 150 mA
VIN = 4.3V
VIN = 10V
VIN = 8V
VIN = 6V
-0.30
-0.20
-0.10
0.00
0.10
-45
-22.5
0
22.5
45
67.5
90
Temperature (°C)
VOUT = 6.0V
IOUT = 0.1 mA to 150 mA
VIN = 9V
VIN = 10V
VIN = 7V
VIN = 8V
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
-45
-22.5
0
22.5
45
67.5
90
Temperature (°C)
VIN = 2.0 to 10.0V
VOUT = 0.9V
10 mA
1 mA
50 mA
100 mA
150 mA
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
-45
-22.5
0
22.5
45
67.5
90
Temperature (°C)
VOUT = 3.3V
VIN = 4.3V to 10V
1 mA
100 mA
10 mA
150 mA
50 mA
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
-45
-22.5
0
22.5
45
67.5
90
Temperature (°C)
VOUT = 6.0V
VIN = 7.0V to 10.0V
100 mA
150 mA
1 mA
50 mA
10 mA
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (KHz)
VR=3.3V
VIN=4.3V
VINAC = 100 mV p-p
CIN=0 μF
IOUT=100 µA


Similar Part No. - MCP1802_09

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1802T-0902I/OT MICROCHIP-MCP1802T-0902I/OT Datasheet
376Kb / 24P
   300 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1802T-1202I/OT MICROCHIP-MCP1802T-1202I/OT Datasheet
376Kb / 24P
   300 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1802T-1802I/OT MICROCHIP-MCP1802T-1802I/OT Datasheet
376Kb / 24P
   300 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1802T-2502I/OT MICROCHIP-MCP1802T-2502I/OT Datasheet
376Kb / 24P
   300 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1802T-3002I/OT MICROCHIP-MCP1802T-3002I/OT Datasheet
376Kb / 24P
   300 mA, High PSRR, Low Quiescent Current LDO
2007
More results

Similar Description - MCP1802_09

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1802 MICROCHIP-MCP1802 Datasheet
376Kb / 24P
   300 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1801 MICROCHIP-MCP1801_09 Datasheet
408Kb / 26P
   150 mA, High PSRR, Low Quiescent Current LDO
2009
MCP1801 MICROCHIP-MCP1801 Datasheet
366Kb / 24P
   150 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1824ST-3302E MICROCHIP-MCP1824ST-3302E Datasheet
531Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-2502E MICROCHIP-MCP1824T-2502E Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824 MICROCHIP-MCP1824 Datasheet
531Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1824T-ADJE MICROCHIP-MCP1824T-ADJE Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-1202E MICROCHIP-MCP1824T-1202E Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
logo
ON Semiconductor
NCP151 ONSEMI-NCP151 Datasheet
643Kb / 10P
   LDO Regulator - Dual, High PSRR 300mA
September, 2019 ??Rev. 4
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com