Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XF0856AE Datasheet(PDF) 1 Page - XFMRS Inc.

Part # XF0856AE
Description  COMMON MODE CHOKES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XF0856AE Datasheet(HTML) 1 Page - XFMRS Inc.

  XF0856AE Datasheet HTML 1Page - XFMRS Inc. XF0856AE Datasheet HTML 2Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
1
COMMON MODE CHOKES
• SUPERIOR MATERIALS / HIGH IMPEDANCE TO MINIMIZE COMMON MODE NOISE
• APPLICATIONS INCLUDE FDDI-TP, TOKEN RING, ETHERNET/10BASE T, ISDN,
T1/CEPT, FAST ETHERNET AND MOST TELECOMMUNICATIONS APPLICATIONS
• 2000 VRMS ISOLATION AVAILABLE
• OTHER PACKAGE STYLES AVAILABLE; E-E, U-U, IEC/TUV DESIGNS
• CUSTOM DESIGNS AVAILABLE AT NO EXTRA COST
ISOLATION
(VRMS)
PART
NUMBER
XF0306AA
XF0306AB
XF0506AA
XF0506AB
XF0756AA
XF0756AB
XF0856AA
XF0856AB
XF1006AA
XF1006AB
XF1506AA
XF1506AB
XF2006AA
XF2006AB
XF0306AE
XF0506AE
XF0756AE
XF0856AE
XF1006AE
OCL
(uH ±20%)
30
30
50
50
75
75
85
85
100
100
150
150
200
200
30
50
75
85
100
PRI/SEC
L
L
(uH MAX)
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.12
0.12
0.12
0.12
0.10
0.10
0.10
0.10
0.10
PRI/SEC
Cw/w
(pF MAX)
8
8
8
8
8
8
10
10
10
10
15
15
15
15
8
8
8
10
10
PRI/SEC
DCR
(OHMS MAX)
0.10
0.10
0.15
0.15
0.15
0.15
0.17
0.17
0.20
0.20
0.23
0.23
0.30
0.30
0.10
0.10
0.15
0.15
0.15
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
PACKAGE/
SCHEMATIC
A/A
B/A
A/A
B/A
A/A
B/A
A/A
B/A
A/A
B/A
A/A
B/A
A/A
B/A
A/E
A/E
A/E
A/E
A/E


Similar Part No. - XF0856AE

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0856ABE XFMRS-XF0856ABE Datasheet
56Kb / 1P
   COMMON MODE CHOKE
More results

Similar Description - XF0856AE

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
   Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
   COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
   COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
   COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
   COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
T8114NLT PULSE-T8114NLT Datasheet
401Kb / 2P
   Common Mode Chokes
logo
Bi technologies
HM18 BITECH-HM18 Datasheet
103Kb / 3P
   Common-Mode Chokes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com