Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JXWBSJ-210-430-27-R Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # JXWBSJ-210-430-27-R
Description  Digital Attenuator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

JXWBSJ-210-430-27-R Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  JXWBSJ-210-430-27-R Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Digital Attenuator
The content of this specification may change without notification 11/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
Digital Attenuator
P/N: JXWBSJ-210-430-27-R
Frequency Range(MHz)
210 - 430
Attenuation Range/Step(dB)
1LSB min127 Range max 7 cell
Attenuation Accuracy(dB)
±1
Attenuation Flatness(dB)
±1
Variation of Phase according to
the Attenuation Range / Step(º)
±10
VSWR
1.4 max
Control(V)
3 TTL Compatible
Switching Time(ns)
200 max
Insertion Loss(dB)
4max
DC bias available(V)
5 – 5
Bias and Control
DB-SUB Connector
Connector
SMA-Female
Current(mA)
±200
Power Handling(W)
1
Operating Temperature(ºC)
0 ~ +50
Storage Temperature(ºC)
-20 ~ +60
ROHS Compliant
Yes
Outline Drawing (Size: mm)
Data subject is to change without notice. For current data sheets, please contact: sales@aacix.com


Similar Part No. - JXWBSJ-210-430-27-R

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBSJ-T-0-5-250 AAC-JXWBSJ-T-0-5-250 Datasheet
37Kb / 1P
   Coaxial Fixed Attenuator
JXWBSJ-T-0.5-18-15 AAC-JXWBSJ-T-0.5-18-15 Datasheet
72Kb / 1P
   Digital Attenuator
JXWBSJ-T-1000-2000-50D AAC-JXWBSJ-T-1000-2000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-2000-4000-50D AAC-JXWBSJ-T-2000-4000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-2000-6000-45 AAC-JXWBSJ-T-2000-6000-45 Datasheet
58Kb / 1P
   Digital Control Attenuator
More results

Similar Description - JXWBSJ-210-430-27-R

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-233-PIN MA-COM-AT-233-PIN_15 Datasheet
122Kb / 4P
   Digital Attenuator
MAAD-007083-000100 MA-COM-MAAD-007083-000100_15 Datasheet
147Kb / 4P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012_15 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0016 MA-COM-MAATSS0016_15 Datasheet
121Kb / 4P
   Digital Attenuator
MAAD-007086 MA-COM-MAAD-007086_15 Datasheet
719Kb / 7P
   Digital Attenuator
MAAD-011021 MA-COM-MAAD-011021 Datasheet
944Kb / 8P
   Digital Attenuator
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
   Digital Attenuator
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
   Digital Attenuator
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
   Digital Attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com