Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1801 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP1801
Description  150 mA, High PSRR, Low Quiescent Current LDO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1801 Datasheet(HTML) 4 Page - Microchip Technology

  MCP1801 Datasheet HTML 1Page - Microchip Technology MCP1801 Datasheet HTML 2Page - Microchip Technology MCP1801 Datasheet HTML 3Page - Microchip Technology MCP1801 Datasheet HTML 4Page - Microchip Technology MCP1801 Datasheet HTML 5Page - Microchip Technology MCP1801 Datasheet HTML 6Page - Microchip Technology MCP1801 Datasheet HTML 7Page - Microchip Technology MCP1801 Datasheet HTML 8Page - Microchip Technology MCP1801 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MCP1801
DS22051C-page 4
© 2009 Microchip Technology Inc.
TEMPERATURE SPECIFICATIONS
Shutdown Input
Logic High Input
VSHDN-HIGH
1.6
V
Logic Low Input
VSHDN-LOW
0.25
V
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified, all limits are established for V
IN = VR + 1.0V, Note 1, COUT = 1 µF (X7R),
CIN = 1 µF (X7R), VSHDN = VIN, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
The minimum VIN must meet two conditions: VIN ≥ 2.0V and VIN ≥ (VR + 1.0V).
2:
VR is the nominal regulator output voltage. For example: VR = 1.8V, 2.5V, 3.0V, 3.3V, or 5.0V.
The input voltage VIN = VR + 1.0V or ViIN = 2.0V (whichever is greater); IOUT = 100 µA.
3:
TCVOUT = (VOUT-HIGH - VOUT-LOW) *10
6 / (V
R * ΔTemperature), VOUT-HIGH = highest voltage measured over the
temperature range. VOUT-LOW = lowest voltage measured over the temperature range.
4:
Load regulation is measured at a constant junction temperature using low duty cycle pulse testing. Changes in output
voltage due to heating effects are determined using thermal regulation specification TCVOUT.
5:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its measured
value with an applied input voltage of VR + 1.0V or 2.0V, whichever is greater.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Operating Temperature Range
TA
-40
+85
°C
Storage Temperature Range
Tstg
-55
+125
°C
Thermal Package Resistance
Thermal Resistance, 5LD SOT-23
θ
JA
θ
JC
256
81
°C/W
EIA/JEDEC JESD51-7
FR-4 0.063 4-Layer Board


Similar Part No. - MCP1801

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1801 MICROCHIP-MCP1801 Datasheet
366Kb / 24P
   150 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1801T-0902I/OT MICROCHIP-MCP1801T-0902I/OT Datasheet
366Kb / 24P
   150 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1801T-1202I/OT MICROCHIP-MCP1801T-1202I/OT Datasheet
366Kb / 24P
   150 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1801T-1802I/OT MICROCHIP-MCP1801T-1802I/OT Datasheet
366Kb / 24P
   150 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1801T-2502I/OT MICROCHIP-MCP1801T-2502I/OT Datasheet
366Kb / 24P
   150 mA, High PSRR, Low Quiescent Current LDO
2007
More results

Similar Description - MCP1801

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1801 MICROCHIP-MCP1801 Datasheet
366Kb / 24P
   150 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1802 MICROCHIP-MCP1802_09 Datasheet
459Kb / 26P
   300 mA, High PSRR, Low Quiescent Current LDO
2009
MCP1802 MICROCHIP-MCP1802 Datasheet
376Kb / 24P
   300 mA, High PSRR, Low Quiescent Current LDO
2007
logo
Analog Devices
ADP165 AD-ADP165 Datasheet
605Kb / 23P
   Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
logo
Microchip Technology
MCP1711 MICROCHIP-MCP1711 Datasheet
1Mb / 36P
   150 mA Ultra-Low Quiescent Current, Capacitorless LDO Regulator
07/14/15
logo
ON Semiconductor
NCP105 ONSEMI-NCP105 Datasheet
1Mb / 16P
   LDO Regulator - High PSRR 150 mA
September, 2019 ??Rev. 1
logo
Texas Instruments
TPS7B6933 TI1-TPS7B6933 Datasheet
1Mb / 21P
[Old version datasheet]   150-mA, 40-V Ultralow-Quiescent-Current LDO
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
logo
Global Mixed-mode Techn...
G922 GMT-G922 Datasheet
121Kb / 1P
   High Input Voltage, High PSRR, Low Quiescent Current LDO Regulator
logo
ON Semiconductor
NCP4684EMX33TCG ONSEMI-NCP4684EMX33TCG Datasheet
336Kb / 18P
   150 mA, Ultra Low Quiescent Current, Low
February, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com