Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP6242T Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6242T
Description  50 關A, 550 kHz Rail-to-Rail Op Amp
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6242T Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6242T Datasheet HTML 6Page - Microchip Technology MCP6242T Datasheet HTML 7Page - Microchip Technology MCP6242T Datasheet HTML 8Page - Microchip Technology MCP6242T Datasheet HTML 9Page - Microchip Technology MCP6242T Datasheet HTML 10Page - Microchip Technology MCP6242T Datasheet HTML 11Page - Microchip Technology MCP6242T Datasheet HTML 12Page - Microchip Technology MCP6242T Datasheet HTML 13Page - Microchip Technology MCP6242T Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
MCP6241/1R/1U/2/4
DS21882D-page 10
© 2008 Microchip Technology Inc.
NOTES:


Similar Part No. - MCP6242T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6242 MICROCHIP-MCP6242 Datasheet
471Kb / 28P
   50 uA, 550 kHz Rail-to-Rail Op Amp
2005
MCP624242-E/LT MICROCHIP-MCP624242-E/LT Datasheet
333Kb / 20P
   50 uA, 650 kHz Rail-to-Rail Op Amp
2004
MCP624242-E/MS MICROCHIP-MCP624242-E/MS Datasheet
333Kb / 20P
   50 uA, 650 kHz Rail-to-Rail Op Amp
2004
MCP624242-E/OT MICROCHIP-MCP624242-E/OT Datasheet
333Kb / 20P
   50 uA, 650 kHz Rail-to-Rail Op Amp
2004
MCP624242-E/P MICROCHIP-MCP624242-E/P Datasheet
333Kb / 20P
   50 uA, 650 kHz Rail-to-Rail Op Amp
2004
More results

Similar Description - MCP6242T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6244 MICROCHIP-MCP6244 Datasheet
471Kb / 28P
   50 uA, 550 kHz Rail-to-Rail Op Amp
2005
MCP6231 MICROCHIP-MCP6231_09 Datasheet
850Kb / 40P
   20 關A, 300 kHz Rail-to-Rail Op Amp
2009
MCP6231 MICROCHIP-MCP6231_05 Datasheet
477Kb / 28P
   20 關A, 300 kHz Rail-to-Rail Op Amp
2005
MCP6241 MICROCHIP-MCP6241 Datasheet
333Kb / 20P
   50 uA, 650 kHz Rail-to-Rail Op Amp
2004
MCP6231 MICROCHIP-MCP6231 Datasheet
336Kb / 20P
   20 UA, 300 kHz Rail-to-Rail Op Amp
2004
MCP6281 MICROCHIP-MCP6281_08 Datasheet
656Kb / 36P
   450 關A, 5 MHz Rail-to-Rail Op Amp
2008
MCP6271 MICROCHIP-MCP6271_06 Datasheet
1Mb / 34P
   170 關A, 2 MHz Rail-to-Rail Op Amp
2006
MCP6271 MICROCHIP-MCP6271_08 Datasheet
679Kb / 36P
   170 關A, 2 MHz Rail-to-Rail Op Amp
2008
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com