Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP6242 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6242
Description  50 關A, 550 kHz Rail-to-Rail Op Amp
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6242 Datasheet(HTML) 3 Page - Microchip Technology

  MCP6242 Datasheet HTML 1Page - Microchip Technology MCP6242 Datasheet HTML 2Page - Microchip Technology MCP6242 Datasheet HTML 3Page - Microchip Technology MCP6242 Datasheet HTML 4Page - Microchip Technology MCP6242 Datasheet HTML 5Page - Microchip Technology MCP6242 Datasheet HTML 6Page - Microchip Technology MCP6242 Datasheet HTML 7Page - Microchip Technology MCP6242 Datasheet HTML 8Page - Microchip Technology MCP6242 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21882D-page 3
MCP6241/1R/1U/2/4
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD –VSS ........................................................................7.0V
Current at Analog Input Pins (VIN+, VIN–).....................±2 mA
Analog Inputs (VIN+, VIN–) †† ........ VSS –1.0VtoVDD +1.0V
All Other Inputs and Outputs ......... VSS – 0.3V to VDD +0.3V
Difference Input Voltage ...................................... |VDD –VSS|
Output Short Circuit Current ................................ Continuous
Current at Output and Supply Pins ............................±30 mA
Storage Temperature .................................. –65° C to +150°C
Maximum Junction Temperature (TJ)......................... .+150°C
ESD Protection On All Pins (HBM; MM)
.............. ≥ 4 kV; 300V
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification is not
implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
†† See Section 4.1.2 “Input Voltage and Current Limits”.
DC ELECTRICAL CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, T
A = +25°C, VDD = +1.8V to +5.5V, VSS = GND,
VCM = VDD/2, RL = 100 kΩ to VDD/2 and VOUT VDD/2.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Offset
Input Offset Voltage
VOS
-5.0
+5.0
mV
VCM = VSS
Extended Temperature
VOS
-7.0
+7.0
mV
TA= -40°C to +125°C,
VCM = VSS (Note 1)
Input Offset Drift with
Temperature
ΔV
OS/ΔTA
±3.0
µV/°C TA= -40°C to +125°C,
VCM = VSS
Power Supply Rejection
PSRR
83
dB
VCM = VSS
Input Bias Current and Impedance
Input Bias Current:
IB
—±1.0
pA
At Temperature
IB
—20
pA
TA = +85°C
At Temperature
IB
1100
pA
TA = +125°C
Input Offset Current
IOS
—±1.0
pA
Common Mode Input Impedance
ZCM
—1013||6
Ω||pF
Differential Input Impedance
ZDIFF
—1013||3
Ω||pF
Common Mode
Common Mode Input Range
VCMR
VSS – 0.3
VDD + 0.3
V
Common Mode Rejection Ratio
CMRR
60
75
dB
VCM = -0.3V to 5.3V, VDD = 5V
Open-Loop Gain
DC Open-Loop Gain
(large signal)
AOL
90
110
dB
VOUT = 0.3V to VDD – 0.3V,
VCM =VSS
Output
Maximum Output Voltage Swing
VOL, VOH VSS + 35
VDD – 35
mV
RL = 10 kΩ, 0.5V Input
Overdrive
Output Short-Circuit Current
ISC
—±6
mA
VDD = 1.8V
ISC
—±23
mA
VDD = 5.5V
Power Supply
Supply Voltage
VDD
1.8
5.5
V
Quiescent Current per Amplifier
IQ
30
50
70
µA
IO = 0, VCM = VDD – 0.5V
Note 1: The SC-70 package is only tested at +25°C.


Similar Part No. - MCP6242

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6242 MICROCHIP-MCP6242 Datasheet
471Kb / 28P
   50 uA, 550 kHz Rail-to-Rail Op Amp
2005
MCP624242-E/LT MICROCHIP-MCP624242-E/LT Datasheet
333Kb / 20P
   50 uA, 650 kHz Rail-to-Rail Op Amp
2004
MCP624242-E/MS MICROCHIP-MCP624242-E/MS Datasheet
333Kb / 20P
   50 uA, 650 kHz Rail-to-Rail Op Amp
2004
MCP624242-E/OT MICROCHIP-MCP624242-E/OT Datasheet
333Kb / 20P
   50 uA, 650 kHz Rail-to-Rail Op Amp
2004
MCP624242-E/P MICROCHIP-MCP624242-E/P Datasheet
333Kb / 20P
   50 uA, 650 kHz Rail-to-Rail Op Amp
2004
More results

Similar Description - MCP6242

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6244 MICROCHIP-MCP6244 Datasheet
471Kb / 28P
   50 uA, 550 kHz Rail-to-Rail Op Amp
2005
MCP6231 MICROCHIP-MCP6231_09 Datasheet
850Kb / 40P
   20 關A, 300 kHz Rail-to-Rail Op Amp
2009
MCP6231 MICROCHIP-MCP6231_05 Datasheet
477Kb / 28P
   20 關A, 300 kHz Rail-to-Rail Op Amp
2005
MCP6241 MICROCHIP-MCP6241 Datasheet
333Kb / 20P
   50 uA, 650 kHz Rail-to-Rail Op Amp
2004
MCP6231 MICROCHIP-MCP6231 Datasheet
336Kb / 20P
   20 UA, 300 kHz Rail-to-Rail Op Amp
2004
MCP6281 MICROCHIP-MCP6281_08 Datasheet
656Kb / 36P
   450 關A, 5 MHz Rail-to-Rail Op Amp
2008
MCP6271 MICROCHIP-MCP6271_06 Datasheet
1Mb / 34P
   170 關A, 2 MHz Rail-to-Rail Op Amp
2006
MCP6271 MICROCHIP-MCP6271_08 Datasheet
679Kb / 36P
   170 關A, 2 MHz Rail-to-Rail Op Amp
2008
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com