Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP73862 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP73862
Description  Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73862 Datasheet(HTML) 3 Page - Microchip Technology

  MCP73862 Datasheet HTML 1Page - Microchip Technology MCP73862 Datasheet HTML 2Page - Microchip Technology MCP73862 Datasheet HTML 3Page - Microchip Technology MCP73862 Datasheet HTML 4Page - Microchip Technology MCP73862 Datasheet HTML 5Page - Microchip Technology MCP73862 Datasheet HTML 6Page - Microchip Technology MCP73862 Datasheet HTML 7Page - Microchip Technology MCP73862 Datasheet HTML 8Page - Microchip Technology MCP73862 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
© 2008 Microchip Technology Inc.
DS21893D-page 3
MCP73861/2/3/4
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
VDDN ..............................................................................13.5V
VBATN, VSET, EN, STAT1, STAT2 w.r.t. VSS
.................................................................-0.3 to (VDD + 0.3)V
PROG, THREF, THERM, TIMER w.r.t. VSS..............-0.3 to 6V
Maximum Junction Temperature, TJ ............Internally Limited
Storage temperature .....................................-65°C to +150°C
ESD protection on all pins:
Human Body Model (1.5 kΩ in series with 100 pF)
....≥ 4kV
Machine Model (200 pF, No series resistance) ...........300V
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD= [VREG(typ.) + 0.3V] to 12V,
TA = -40°C to +85°C. Typical values are at +25°C, VDD = [VREG (typ.) + 1.0V]
Parameters
Sym
Min
Typ
Max
Unit
s
Conditions
Supply Input
Supply Voltage
VDD
4.5
12
V
MCP73861/3
8.7
12
V
MCP73862/4
Supply Current
ISS
—0.17
4
µA
Disabled
0.53
4
mA Operating
UVLO Start Threshold
VSTART
4.25
4.5
4.65
V
MCP73861/3
8.45
8.8
9.05
V
MCP73862/4
VDD Low-to-High
UVLO Stop Threshold
VSTOP
4.20
4.4
4.55
V
MCP73861/3
8.40
8.7
8.95
V
MCP73862/4
VDD High-to-Low
Voltage Regulation (Constant-Voltage Mode)
Regulated Output Voltage
VREG
4.079
4.1
4.121
V
MCP73861/3, VSET = VSS
4.179
4.2
4.221
V
MCP73861/3,VSET = VDD
8.159
8.2
8.241
V
MCP73862/4, VSET = VSS
8.358
8.4
8.442
V
MCP73862/4, VSET = VDD
VDD = [VREG(typ.) + 1V],
IOUT =10 mA
TA = -5°C to +55°C
Line Regulation
|(ΔVBAT/
VBAT)| /ΔVDD
0.025
0.25
%/V VDD = [VREG(typ.)+1V] to 12V
IOUT = 10 mA
Load Regulation
|ΔVBAT/VBAT|
0.01
0.25
%
IOUT = 10 mA to 150 mA
VDD = [VREG(typ.)+1V]
Supply Ripple Attenuation
PSRR
60
dB
IOUT = 10 mA, 10 Hz to 1 kHz
—42
dB
IOUT = 10 mA, 10 Hz to
10 kHz
—28
dB
IOUT = 10 mA, 10 Hz to 1 MHz
Output Reverse-Leakage
Current
IDISCHARGE
—0.23
1
µA
VDD < VBAT = VREG(typ.)
Current Regulation (Fast Charge Constant-Current Mode)
Fast Charge Current
Regulation
IREG
85
100
115
mA PROG = OPEN
1020
1200
1380
mA PROG = VSS
425
500
575
mA PROG = 1.6 kΩ
TA= -5°C to +55°C


Similar Part No. - MCP73862

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73862 MICROCHIP-MCP73862 Datasheet
402Kb / 26P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2004
MCP73862 MICROCHIP-MCP73862 Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73862 MICROCHIP-MCP73862 Datasheet
500Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management
2011
MCP73862 MICROCHIP-MCP73862 Datasheet
872Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management Controllers
11/29/12 2004-2013
MCP73862-I/ML MICROCHIP-MCP73862-I/ML Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
More results

Similar Description - MCP73862

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73861 MICROCHIP-MCP73861_05 Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73861 MICROCHIP-MCP73861_13 Datasheet
872Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management Controllers
11/29/12 2004-2013
MCP73861 MICROCHIP-MCP73861 Datasheet
402Kb / 26P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2004
MCP73861 MICROCHIP-MCP73861_11 Datasheet
500Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management
2011
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
MCP73831 MICROCHIP-MCP73831_14 Datasheet
682Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
03/25/14
MCP73811 MICROCHIP-MCP73811 Datasheet
1Mb / 22P
   Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com