Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP6241 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6241
Description  50 關A, 550 kHz Rail-to-Rail Op Amp
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6241 Datasheet(HTML) 5 Page - Microchip Technology

  MCP6241_08 Datasheet HTML 1Page - Microchip Technology MCP6241_08 Datasheet HTML 2Page - Microchip Technology MCP6241_08 Datasheet HTML 3Page - Microchip Technology MCP6241_08 Datasheet HTML 4Page - Microchip Technology MCP6241_08 Datasheet HTML 5Page - Microchip Technology MCP6241_08 Datasheet HTML 6Page - Microchip Technology MCP6241_08 Datasheet HTML 7Page - Microchip Technology MCP6241_08 Datasheet HTML 8Page - Microchip Technology MCP6241_08 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21882D-page 5
MCP6241/1R/1U/2/4
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, T
A = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
RL = 100 kΩ to VDD/2 and CL = 60 pF.
FIGURE 2-1:
Input Offset Voltage.
FIGURE 2-2:
PSRR, CMRR vs.
Frequency.
FIGURE 2-3:
Input Bias Current at +85°C.
FIGURE 2-4:
CMRR, PSRR vs. Ambient
Temperature.
FIGURE 2-5:
Open-Loop Gain, Phase vs.
Frequency.
FIGURE 2-6:
Input Bias Current at
+125°C.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
Input Offset Voltage (mV)
630 Samples
VCM = VSS
20
30
40
50
60
70
80
90
100
110
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
Frequency (Hz)
10
1k
10k
100k
100
PSRR+
PSRR-
CMRR
0%
5%
10%
15%
20%
25%
Input Bias Current (pA)
180 Samples
VCM = VDD/2
TA = +85°C
70
75
80
85
90
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
PSRR (VCM = VSS)
CMRR (VCM = -0.3V to +5.3V,
VDD = 5.0V)
-20
0
20
40
60
80
100
120
1.E-
01
1.E+
00
1.E+
01
1.E+
02
1.E+
03
1.E+
04
1.E+
05
1.E+
06
1.E+
07
Frequency (Hz)
-210
-180
-150
-120
-90
-60
-30
0
RL = 10.0 kΩ
VCM = VDD/2
0.1
1
10 100 1k 10k 100k 1M 10M
Gain
Phase
0%
5%
10%
15%
20%
25%
30%
Input Bias Current (nA)
180 Samples
VCM = VDD/2
TA = +125°C


Similar Part No. - MCP6241_08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6241-E/LT MICROCHIP-MCP6241-E/LT Datasheet
333Kb / 20P
   50 uA, 650 kHz Rail-to-Rail Op Amp
2004
MCP6241-E/MS MICROCHIP-MCP6241-E/MS Datasheet
333Kb / 20P
   50 uA, 650 kHz Rail-to-Rail Op Amp
2004
MCP6241-E/OT MICROCHIP-MCP6241-E/OT Datasheet
333Kb / 20P
   50 uA, 650 kHz Rail-to-Rail Op Amp
2004
MCP6241-E/P MICROCHIP-MCP6241-E/P Datasheet
333Kb / 20P
   50 uA, 650 kHz Rail-to-Rail Op Amp
2004
MCP6241-E/SN MICROCHIP-MCP6241-E/SN Datasheet
333Kb / 20P
   50 uA, 650 kHz Rail-to-Rail Op Amp
2004
More results

Similar Description - MCP6241_08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6244 MICROCHIP-MCP6244 Datasheet
471Kb / 28P
   50 uA, 550 kHz Rail-to-Rail Op Amp
2005
MCP6231 MICROCHIP-MCP6231_09 Datasheet
850Kb / 40P
   20 關A, 300 kHz Rail-to-Rail Op Amp
2009
MCP6231 MICROCHIP-MCP6231_05 Datasheet
477Kb / 28P
   20 關A, 300 kHz Rail-to-Rail Op Amp
2005
MCP6241 MICROCHIP-MCP6241 Datasheet
333Kb / 20P
   50 uA, 650 kHz Rail-to-Rail Op Amp
2004
MCP6231 MICROCHIP-MCP6231 Datasheet
336Kb / 20P
   20 UA, 300 kHz Rail-to-Rail Op Amp
2004
MCP6281 MICROCHIP-MCP6281_08 Datasheet
656Kb / 36P
   450 關A, 5 MHz Rail-to-Rail Op Amp
2008
MCP6271 MICROCHIP-MCP6271_06 Datasheet
1Mb / 34P
   170 關A, 2 MHz Rail-to-Rail Op Amp
2006
MCP6271 MICROCHIP-MCP6271_08 Datasheet
679Kb / 36P
   170 關A, 2 MHz Rail-to-Rail Op Amp
2008
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com