Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JXWBLA-T-1400-2200-14 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # JXWBLA-T-1400-2200-14
Description  Wideband and Narrowband Amplifiers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

JXWBLA-T-1400-2200-14 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  JXWBLA-T-1400-2200-14 Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wideband and Narrowband Amplifiers
The content of this specification may change without notification 8/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
Amplifiers
Coaxial
T43
Wideband Amplifiers 50 to 2500MHz
P/N
Freq. Range
(MHz)
fL-fU
Gain
(dB)
Typ
Noise Figure
(dB)
Typ
Pout@1dB
(dBm)
Min
VSW R
Typ
Power Supply
(V)
Case
JXW BLA-T-250-650-28
250-650
28
3.0
20
2.5:1
+9 or +12
T43 or T16-3
JXW BLA-T-400-2500-24
400-2500
24
3.5
20
3:1
+9 or +12
T43 or T16-3
JXW BLA-T-50-1000-13
50-1000
13
5.0
25
2.5:1
+9
T43 or T16-3
Notes:
1. Operating Temperature : -40
OC to +70 OC. Storage Temperature : -55 OC to +80 OC.
Wideband Low Noise Amplifiers 1000
to
2200 MHz
P/N
Freq. Range
(MHz)
fL-fU
Gain
(dB)
Typ
Noise Figure
(dB)
Typ
Pout@1dB
(dBm)
Min
VSWR
Typ
Power Supply
(V)
Case
JXWBLA-T-1000-1800-17
1000-1800
17
1.5
20
1.5:1
+5
T16-3
JXWBLA-T-1000-1800-28
1000-1800
28
1.5
20
1.5:1
+5
T16-3
JXWBLA-T-1200-2000-16
1200-2000
16
1.5
20
1.5:1
+5
T16-3
JXWBLA-T-1200-2000-27
1200-2000
27
1.5
20
1.5:1
+5
T16-3
JXWBLA-T-1400-2200-14
1400-2200
14
1.5
20
1.5:1
+5
T16-3
JXWBLA-T-1400-2200-26
1400-2200
26
1.5
20
1.5:1
+5
T16-3
Notes:
1. Operating Temperature : -40
OC to +70 OC. Storage Temperature : -55 OC to +80 OC.
Narrowband Low Noise Amplifiers 800
to
2500 MHZ
P/N
Freq. Range
(MHz)
fL-fU
Gain
(dB)
Typ
Noise Figure
(dB)
Typ
Pout@1dB
(dBm)
Min
VSWR
Typ
Power Supply
(V)
Case
JXWBLA-T-800-1000-35-1
800-1000
35
1.2
13
1.8:1
+5 or +12
T43 or T16-3
JXWBLA-T-1000-1200-35-1
1000-1200
35
1.2
13
1.8:1
+5 or +12
T43 or T16-3
JXWBLA-T-1200-1400-35-1
1200-1400
35
1.2
13
1.8:1
+5 or +12
T43 or T16-3
JXWBLA-T-1400-1600-35
1400-1600
35
1.2
13
1.8:1
+5 or +12
T43 or T16-3
JXWBLA-T-1600-1800-35
1600-1800
35
1.2
13
1.8:1
+5 or +12
T43 or T16-3
JXWBLA-T-800-1000-35-2
800-1000
35
1.0
13
1.8:1
+5 or +12
T43 or T16-3
JXWBLA-T-1000-1200-35-2
1000-1200
35
1.0
13
1.8:1
+5 or +12
T43 or T16-3
JXWBLA-T-1200-1400-35-2
1200-1400
35
1.1
13
1.8:1
+5 or +12
T43 or T16-3
JXWBLA-T-1700-2000-28
1700-2000
28
1.2
13
1.8:1
+5 or +12
T43
JXWBLA-T-2200-2500-28
2200-2500
28
1.2
13
1.8:1
+5 or +12
T43
Notes:
1.
Operating Temperature : -40
OC to +70 OC. Storage Temperature : -55 OC to +80 OC.
2.
Custom Design Available


Similar Part No. - JXWBLA-T-1400-2200-14

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-T-1-1.5-30 AAC-JXWBLA-T-1-1.5-30 Datasheet
75Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1-150-20 AAC-JXWBLA-T-1-150-20 Datasheet
59Kb / 1P
   Amplifier
JXWBLA-T-1.5-4-40 AAC-JXWBLA-T-1.5-4-40 Datasheet
37Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10-1300-25 AAC-JXWBLA-T-10-1300-25 Datasheet
37Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10-500-10-S16 AAC-JXWBLA-T-10-500-10-S16 Datasheet
136Kb / 1P
   Low Noise Amplifier
More results

Similar Description - JXWBLA-T-1400-2200-14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
CA2820 MOTOROLA-CA2820 Datasheet
95Kb / 3P
   Wideband Linear Amplifiers
logo
New Jersey Semi-Conduct...
MWA110 NJSEMI-MWA110 Datasheet
122Kb / 2P
   WIDEBAND HYBRID AMPLIFIERS
logo
Maxim Integrated Produc...
MAX435 MAXIM-MAX435 Datasheet
700Kb / 16P
   Wideband Trasconductance Amplifiers
Rev 1; 4/93
logo
NXP Semiconductors
CA4800C NXP-CA4800C Datasheet
260Kb / 4P
   Wideband Linear Amplifiers
REV 1
CA5800C NXP-CA5800C Datasheet
255Kb / 4P
   Wideband Linear Amplifiers
logo
Sanyo Semicon Device
LA8615M SANYO-LA8615M Datasheet
305Kb / 11P
   Narrowband FM IF Amplifiers for Pager Receivers
logo
Motorola, Inc
MHW1134 MOTOROLA-MHW1134 Datasheet
66Kb / 4P
   Low Distortion Wideband Amplifiers
logo
List of Unclassifed Man...
A0105116A ETC2-A0105116A Datasheet
51Kb / 1P
   MINIATURE WIDEBAND RF AMPLIFIERS
759N ETC1-759N Datasheet
69Kb / 1P
   Economy, Wideband Log/Antilog Amplifiers
logo
National Semiconductor ...
CLC200 NSC-CLC200 Datasheet
392Kb / 6P
   Fast Settling, Wideband Operational Amplifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com