Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JXWBHP-T-3000-4000-12 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # JXWBHP-T-3000-4000-12
Description  Mixer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

JXWBHP-T-3000-4000-12 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  JXWBHP-T-3000-4000-12 Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mixer
The content of this specification may change without notification 7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
Mixer
P/N: JXWBHP-T-3000-4000-12
IF Frequency(GHz)
3.0~4.0
RF Frequency(GHz)
3.0~4.0
LO Frequency(GHz)
0.1~1.0
LO Power (dBm)
12
LO-RF Isolation(dB)
30 min
LO-IF Isolation(dB)
27 min
Conversion Loss(dB)
8
Pout @1dB(dBm)
+6
Connector
SMA-Female
Operating Temperature(ºC)
-40~+80
Storage Temperature(ºC)
-55~+85
Net Weight(Kg)
0.055 Around
Outline Drawing (Size: mm)
For current data sheets, please contact: sales@aacix.com


Similar Part No. - JXWBHP-T-3000-4000-12

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBHP-T-3000-4000-7 AAC-JXWBHP-T-3000-4000-7 Datasheet
69Kb / 1P
   Mixer
More results

Similar Description - JXWBHP-T-3000-4000-12

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBHP-MM93PG-40 AAC-JXWBHP-MM93PG-40 Datasheet
38Kb / 1P
   Mixer
JXWBHP-T-800-900-7 AAC-JXWBHP-T-800-900-7 Datasheet
36Kb / 1P
   Mixer
JXWBHP-T-1000-18500 AAC-JXWBHP-T-1000-18500 Datasheet
71Kb / 1P
   Mixer
JXWBHP-T-2200-2300-10 AAC-JXWBHP-T-2200-2300-10 Datasheet
37Kb / 1P
   Mixer
JXWBHP-T-3000-4000-7 AAC-JXWBHP-T-3000-4000-7 Datasheet
69Kb / 1P
   Mixer
JXWBHP-T-1000-2000 AAC-JXWBHP-T-1000-2000 Datasheet
74Kb / 1P
   Mixer
JXWBHP-T-3050-10 AAC-JXWBHP-T-3050-10 Datasheet
37Kb / 1P
   Mixer
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Mini-Circuits
ADE-R272MH MINI-ADE-R272MH Datasheet
236Kb / 2P
   High Reliability Mixer High Reliability Mixer
logo
M/A-COM Technology Solu...
MDC-164 MA-COM-MDC-164 Datasheet
79Kb / 3P
   Termination-Insensitive Mixer, Termination-Insensitive Mixer,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com