Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JXWBGF-T-2-2000-18000 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # JXWBGF-T-2-2000-18000
Description  Ultra Broadband Power Divider (SMA Connectors)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

JXWBGF-T-2-2000-18000 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  JXWBGF-T-2-2000-18000 Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Divider
The content of this specification may change without notification 7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
Power Divider
Coaxial
Ultra Broadband Power Divider (SMA Connectors)
Frequency
N-Way
I ns ert ion
Isolation
Amplit ude
Phase
Power
Power
I nput
O ut put
S
ize
Range
Loss
Balance
Balance
Forward
Reverse
VSWR
VSW R
L x W x H
P/
(GHz)
(dB)
(dB)
(
±dB)
(
±°)
(W)
(W)
(mm)
max
mi
n
max
max
JXWBGF-T-2-800-6000
0.8-6
2
0. 9
1
8
0.2
3
10
2
1.4
1.3
150x29. 4x 10
JXWBGF-T-4-800-6000
0.8-6
4
1. 8
1
8
0.3
4
10
2
1.5
1.4
153x72x10
JXW BG F-T-2-1000-8000
1-8
2
1. 2
1
8
0.3
6
10
2
1. 35
1.3
41x28x 10
JXW BG F-T-4-1000-8000
1-8
4
2. 2
1
5
0. 35
6
10
2
1.5
1.4
70. 5x 56x10
J XWBG F-T-2-1000-12000
1-12
2
1. 5
1
6
0.4
6
10
2
1.5
1.3
80x24x 10
J XWBG F-T-4-1000-12000
1-12
4
2. 8
1
6
0.5
7
10
2
1.6
1.3
90x75x 10
J XWBG F-T-2-2000-18000
2-18
2
1. 2
1
6
0.3
5
10
2
1.5
1.5
47x24x 10
J XWBG F-T-4-2000-18000
2-18
4
2. 2
1
6
0.6
10
10
2
1. 65
1.6
60x69x 10
Notes:
1. Operating Temperature: -55 ºC to +85 ºC, Storage Temperature: -55 ºC to +95 ºC.
2. Applications: Indoor, 0-95%RH.
3. Forward power is tested with the output VSWR 1.5:1 of the loads. The power handling will be cut down when
the output port connect with a high VSWR. Ensure the output VSWR<1.5, avoiding output port open or short.
4. The power handling capability is 10 watts when used as divider with the load VSWR<1.2, the power handling
down to 2 watts when used as combiner.
5. Ensure connectors to be in flat connection with outer connectors; suggest using a torque wrench.
6. Custom Designs Available


Similar Part No. - JXWBGF-T-2-2000-18000

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBGF-T-2-2000-4000 AAC-JXWBGF-T-2-2000-4000 Datasheet
70Kb / 1P
   General Power Divider (SMA Connectors)
JXWBGF-T-2-2000-8000 AAC-JXWBGF-T-2-2000-8000 Datasheet
70Kb / 1P
   Broadband Power Divider (SMA Connectors)
More results

Similar Description - JXWBGF-T-2-2000-18000

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBGF-T-2-500-2000-2 AAC-JXWBGF-T-2-500-2000-2 Datasheet
70Kb / 1P
   Broadband Power Divider (SMA Connectors)
JXWBOH-T-500-2000-6 AAC-JXWBOH-T-500-2000-6 Datasheet
62Kb / 1P
   Ultra-Broadband Directional Coupler (SMA Connectors)
JXWBGF-T-2-1000-2000-2 AAC-JXWBGF-T-2-1000-2000-2 Datasheet
70Kb / 1P
   General Power Divider (SMA Connectors)
logo
API Technologies Corp
1549R APITECH-1549R Datasheet
530Kb / 1P
   Broadband Resistive Power Divider
1575 APITECH-1575 Datasheet
512Kb / 1P
   Broadband Resistive Power Divider
1506A APITECH-1506A Datasheet
521Kb / 1P
   Broadband Resistive Power Divider
logo
M/A-COM Technology Solu...
DS-4-4 MA-COM-DS-4-4 Datasheet
72Kb / 2P
   Broadband Four -Way Power Divider
DS-808-4 MA-COM-DS-808-4 Datasheet
66Kb / 2P
   Broadband Eight -Way Power Divider
H-8-4 MA-COM-H-8-4 Datasheet
71Kb / 2P
   Broadband Two-Way Power Divider
logo
Pasternack Enterprises,...
PE20DV1067 PASTERNACK-PE20DV1067 Datasheet
685Kb / 5P
   4 Way SMA Power Divider
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com