Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATP84SL-10CGM Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # ATP84SL-10CGM
Description  RF POWER ATTENUATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

ATP84SL-10CGM Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  ATP84SL-10CGM Datasheet HTML 1Page - American Accurate Components, Inc. ATP84SL-10CGM Datasheet HTML 2Page - American Accurate Components, Inc. ATP84SL-10CGM Datasheet HTML 3Page - American Accurate Components, Inc. ATP84SL-10CGM Datasheet HTML 4Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
American Accurate Components, Inc.
RF POWER ATTENUATOR
The content of this specification may change without notification 10/16/07
188 Technology Drive Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
Email: sales@aacix.com
1
Custom solutions are available.
ATP Series - RF Power Attenuators
Custom solutions are available. Call us with your specification requirements.
ELECTRICAL SPECIFICATIONS
Part
Package Type
Frequency
Power Rating
Attenuation Availability
Attenuation Tolerance
Impedance
ATP37
S, D, DL
DC – 1.0 GHz
1.00 W
1db ~ 10db, 20dB, 30db, 40dB
ATP53
S, SL
DC – 4.0 GHz
0.25 W
1db ~ 10db, 20dB, 30db, 40dB
ATP54
D, DL
DC – 4.0 GHz
0.25 W
1db ~ 10db, 20dB, 30db, 40dB
ATP55
S, D
DC – 4.0 GHz
0.25 W
1db ~ 10db, 20dB, 30db, 40dB
ATP68
E
DC – 1. 0GHz
30.0 W
10 dB, 20 dB, 30dB
ATP84
S, D
DC – 1.0 GHz
0.50 W
1db ~ 10db, 20dB, 30db, 40dB
ATP100
D, DL
DC – 3.0 GHz
100 W
10 dB, 20 dB, 30dB, 40dB
ATP120
D, DL
DC – 2.4 GHz
120 W
10 dB, 20 dB, 30dB, 40dB
ATP150
D, DL
DC – 2.0 GHz
150 W
10 dB, 20 dB, 30dB, 40dB
dB
dB
Tolerance
1 ~ 6
±0.2
7 ~ 10
±0.3
20, 30, 40
±0.4
50
Ω ± 1Ω
or
75
Ω ± 1Ω
* Heat Sink will be required starting 30 WATTS.
CIRCUIT & INSTALLATION LAYOUTS
Face Down
- RF Signal will be
propagated straight without reflection
ATP100D, ATP120D, ATP150D
ATP100DL, ATP120DL, ATP150DL
NOTES:
1.
In order to cool heat from an attenuator and to connect electrically when you attach the attenuator in a printed circuit a metal plate, reserve
soldering on back side of attenuator and reflowing (re-melting) solder with solder iron are recommended.
2.
In order to prevent diffusion of grounding conductor, please carry out solder processing of an attenuator quickly.
HOW TO ORDER
ATP 53 SL-10 D G M
Packaging
Impedance Tolerance
G =
±2%
Characteristic Impedance
D = 50
C = 75
Attenuation
01 = 1dB
Package Type
D = balanced coaxial
DL = balanced, smd with leads
S = unbalanced coaxial
SL = unbalanced smd with leads
E = balanced with heat sink
Size
53 = 5.00 x 2.70
54 = 5.00 x 3.80
55 = 5.00 x 4.50
84 = 8.00 x 5.25
68 = 6.70 x 8.65
100 = 8..89 x 5.35
120 = 9.53 x 6.35
150 = 11.43 x 7.62
37 = 13.0 x 7.00
ATP Series
RF Power Attenuators
FEATURES
4GHz-1/4W, 1.0GHz - 30W, 3.0GHz - 100W, 2.4GHz-
120W, and 2.0GHz - 150W
Surface Mount Small Size Attenuators
50
Ω Characteristic Impedance
Face down configuration on strip line show better return
loss characteristics.
Long life and temperature stability of thin film technology
provide better performance at a temperature range from
-55°C ~ +155 °C.
APPLICATIONS
Gain Control Circuits
Power Boost Amplifiers (GHz) Isolation Circuits
Transmission Line Loss Compensation for Data
Communications Systems
Detecting signal control of ATE-LSI test system circuit
board functional test systems
Industrial measurement electronics
Medical scientific electronics
Communications systems


Similar Part No. - ATP84SL-10CGM

ManufacturerPart #DatasheetDescription
logo
Shanghai Toplite Techno...
ATP-1010 TOPLITE-ATP-1010 Datasheet
461Kb / 9P
   SPECIFICATIONS FOR TOPLITE COB MODULE
logo
Contec Co., Ltd
ATP-16E CONTEC-ATP-16E Datasheet
195Kb / 1P
   BNC Connectors for Analog I/O Board
logo
Shanghai Toplite Techno...
ATP-1818 TOPLITE-ATP-1818 Datasheet
665Kb / 9P
   SPECIFICATIONS FOR TOPLITE COB MODULE
ATP-2424-40W TOPLITE-ATP-2424-40W Datasheet
334Kb / 9P
   SPECIFICATIONS FOR TOPLITE COB MODULE
logo
Contec Co., Ltd
ATP-32F CONTEC-ATP-32F Datasheet
238Kb / 1P
   BNC Connectors for Analog I/O Board
More results

Similar Description - ATP84SL-10CGM

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TG9025 SPECTRUM-TG9025 Datasheet
261Kb / 1P
   RF Attenuator
TG9006 SPECTRUM-TG9006 Datasheet
776Kb / 1P
   RF Attenuator
TG9030 SPECTRUM-TG9030 Datasheet
851Kb / 1P
   RF Attenuator
TG9001 SPECTRUM-TG9001 Datasheet
768Kb / 1P
   RF Attenuator
TG9015 SPECTRUM-TG9015 Datasheet
231Kb / 1P
   RF Attenuator
TG9005 SPECTRUM-TG9005 Datasheet
266Kb / 1P
   RF Attenuator
logo
Peregrine Semiconductor
PE43703 PSEMI-PE43703 Datasheet
446Kb / 15P
   RF Digital Attenuator
PE4302 PSEMI-PE4302 Datasheet
472Kb / 11P
   RF Digital Attenuator
PE4304 PSEMI-PE4304 Datasheet
535Kb / 11P
   RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43404 PEREGRINE-PE43404_15 Datasheet
529Kb / 10P
   RF Digital Attenuator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com