Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51WECAS Datasheet(PDF) 4 Page - American Accurate Components, Inc.

Part # 51WECAS
Description  Waveguide to Coaxial Adapter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

51WECAS Datasheet(HTML) 4 Page - American Accurate Components, Inc.

  51WECAS Datasheet HTML 1Page - American Accurate Components, Inc. 51WECAS Datasheet HTML 2Page - American Accurate Components, Inc. 51WECAS Datasheet HTML 3Page - American Accurate Components, Inc. 51WECAS Datasheet HTML 4Page - American Accurate Components, Inc. 51WECAS Datasheet HTML 5Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Waveguide to Coaxial Adapter
The content of this specification may change without notification 7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
4
American Accurate Components, Inc.
Double Ridge W/G to Coaxial Adapter
Double Ridge Waveguide to Coaxial Adapter
Standard Models
P/N
Frequency Range
(GHz)
Waveguide
VSWR
Connector
250DRWCAN
2.6-7.8
WRD250D30
1.50
N-F
350DRWCAN
3.5-8.2
WRD350D24
1.50
N-F
475DRWCAN
4.75-11.0
WRD475D24
1.50
N-F
500DRWCAS
5.0-18.0
WRD500D36
1.50
SMA-F
580DRWCAS
5.8-16.0
WRD580D28
1.50
SMA-F
650DRWCAS
6.5-18.0
WRD650D28
1.50
SMA-F
750DRWCAS
7.5-18.0
WRD750D24
1.60
SMA-F
700DRWCAS
7.0-18.5
WRD700D26
1.60
SMA-F
1100DRWCAK
11.0-26.5
WRD1100C24
1.80
2.92K-F
1800DRWCAK
18.0-40.0
WRD1800C24
1.80
2.92K-F
AAC manufactures wide variety of double ridge
waveguide to coaxial adapter assemblies specially
designed
for
every
customers
unique
requirements.
Double Ridge Waveguide to Coaxial Adapter can
be assembled with many types of flange. We also
offer many other special configurations, length and
hole size to meet special requirements.
Ordering Information
P/N:
250 DRWCAN
WR
Product
Size
Code
Example: 250DRWCAN is a WRD250D30 double ridge
waveguide to coaxial adapter(N type Female connector).
Note:
1. Customization is available;
2. For detailed information of each double ridge waveguide to coaxial adapter, please visit the website:
www.aacix.com.


Similar Part No. - 51WECAS

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
51W DBLECTRO-51W Datasheet
717Kb / 2P
   PCB Mount
51W-1A11 DBLECTRO-51W-1A11 Datasheet
984Kb / 2P
   MERCURY WETTED RELAYS FOR MOUNTING ON P.C. BOARDS.
51W-1A1N DBLECTRO-51W-1A1N Datasheet
984Kb / 2P
   MERCURY WETTED RELAYS FOR MOUNTING ON P.C. BOARDS.
51W-1A21 DBLECTRO-51W-1A21 Datasheet
984Kb / 2P
   MERCURY WETTED RELAYS FOR MOUNTING ON P.C. BOARDS.
51W-1A2N DBLECTRO-51W-1A2N Datasheet
984Kb / 2P
   MERCURY WETTED RELAYS FOR MOUNTING ON P.C. BOARDS.
More results

Similar Description - 51WECAS

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9865 PASTERNACK-PE9865 Datasheet
109Kb / 1P
   WAVEGUIDE END LAUNCH TO COAX ADAPTER,SMA FEMALE
logo
Mini-Circuits
NM-SM50++ MINI-NM-SM50+ Datasheet
135Kb / 1P
   Coaxial Adapter, N-MALE to SMA-M
SM-BF50++ MINI-SM-BF50+ Datasheet
102Kb / 1P
   Coaxial Adapter, SMA-M to BNC-F
NF-NF50++ MINI-NF-NF50+ Datasheet
119Kb / 1P
   Coaxial Adapter, N-FEM to N-FEM
logo
Advanced Technical Mate...
750-251-XX ATM-750-251-XX Datasheet
85Kb / 1P
   OUTLINE, WRD750 SMA - WAVEGUIDE ADAPTER
580-251-XX ATM-580-251-XX Datasheet
82Kb / 1P
   OUTLINE, WRD580 SMA - WAVEGUIDE ADAPTER
logo
Mini-Circuits
SF-SF50++ MINI-SF-SF50+ Datasheet
132Kb / 1P
   Coaxial Adapter, SMA-F to SMA-F
logo
Winchester Electronics ...
TRU-11222 WINCHESTER-TRU-11222 Datasheet
70Kb / 1P
   CONNECTOR,COAXIAL 2.92MM(F) TO 2.92MM(F) ADAPTER
logo
Glenair, Inc.
M24758-11-16-01 GLENAIR-M24758-11-16-01 Datasheet
78Kb / 2P
   Adapter for Coaxial Connectors
logo
Winchester Electronics ...
TRU-13018 WINCHESTER-TRU-13018 Datasheet
79Kb / 1P
   CONNECTOR, COAXIAL 2.92mm(m) to N(f) ADAPTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com