Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

112WECAS Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # 112WECAS
Description  Waveguide to Coaxial Adapter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

112WECAS Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  112WECAS Datasheet HTML 1Page - American Accurate Components, Inc. 112WECAS Datasheet HTML 2Page - American Accurate Components, Inc. 112WECAS Datasheet HTML 3Page - American Accurate Components, Inc. 112WECAS Datasheet HTML 4Page - American Accurate Components, Inc. 112WECAS Datasheet HTML 5Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Waveguide to Coaxial Adapter
The content of this specification may change without notification 7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
2
American Accurate Components, Inc.
Endlaunch W/G to Coaxial Adapter
Endlaunch Waveguide to Coaxial Adapter
Standard Models
P/N
Frequency
Range
(GHz)
Waveguide
VSWR
Flange
Connector
Material
430WECAN
1.70-2.60
WR430
1.25
FDP22/FDM22
N-F
Al/Cu
340WECAN
2.20-3.30
WR340
1.25
FDP26/FDM26
N-F
Al/Cu
340WECAS
2.20-3.30
WR340
1.25
FDP26/FDM26
SMA-F
Al/Cu
284WECAN
2.60-3.95
WR284
1.25
FDP32/FDM32
N-F
Al/Cu
284WECAS
2.60-3.95
WR284
1.25
FDP32/FDM32
SMA-F
Al/Cu
229WECAN
3.30-4.90
WR229
1.25
FDP40/FDM40
N-F
Al/Cu
229WECAS
3.30-4.90
WR229
1.25
FDP40/FDM40
SMA-F
Al/Cu
187WECAN
3.95-5.85
WR187
1.25
FDP48/FDM48
N-F
Al/Cu
187WECAS
3.95-5.85
WR187
1.25
FDP48/FDM48
SMA-F
Al/Cu
159WECAN
4.90-7.05
WR159
1.25
FDP58/FDM58
N-F
Al/Cu
159WECAS
4.90-7.05
WR159
1.25
FDP58/FDM58
SMA-F
Al/Cu
137WECAN
5.85-8.20
WR137
1.25
FDP70/FDM70
N-F
Al/Cu
137WECAS
5.85-8.20
WR137
1.25
FDP70/FDM70
SMA-F
Al/Cu
112WECAN
7.05-10.0
WR112
1.25
FBP84/FBM84/FBE84
N-F
Al/Cu
112WECAS
7.05-10.0
WR112
1.25
FBP84/FBM84/FBE84
SMA-F
Al/Cu
90WECAN
8.20-12.4
WR90
1.25
FBP100/FBM100/FBE100
N-F
Al/Cu
90WECAS
8.20-12.4
WR90
1.25
FBP100/FBM100/FBE100
SMA-F
Al/Cu
75WECAN
10.0-15.0
WR75
1.25
FBP120/FBM120/FBE120
N-F
Al/Cu
75WECAS
10.0-15.0
WR75
1.25
FBP120/FBM120/FBE120
SMA-F
Al/Cu
62WECAN
12.4-18.0
WR62
1.25
FBP140/FBM140/FBE140
N-F
Al/Cu
62WECAS
12.4-18.0
WR62
1.25
FBP140/FBM140/FBE140
SMA-F
Al/Cu


Similar Part No. - 112WECAS

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
112 CTS-112 Datasheet
63Kb / 3P
   22x25mm Stratum 3 OCXO
logo
Honeywell Solid State E...
112 HONEYWELL-112 Datasheet
736Kb / 11P
   Temperature Sensors Line Guide
logo
Aries Electronics, Inc.
112 ARIES-112 Datasheet
782Kb / 2P
   Easy Identification and Tracing with 10-color Cable
logo
Alpha Wire
112 ALPHAWIRE-112 Datasheet
100Kb / 4P
   Customer Specification
8/26/2022
112 ALPHAWIRE-112 Datasheet
99Kb / 4P
   Customer Specification
11/30/2022
More results

Similar Description - 112WECAS

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9865 PASTERNACK-PE9865 Datasheet
109Kb / 1P
   WAVEGUIDE END LAUNCH TO COAX ADAPTER,SMA FEMALE
logo
Mini-Circuits
NM-SM50++ MINI-NM-SM50+ Datasheet
135Kb / 1P
   Coaxial Adapter, N-MALE to SMA-M
SM-BF50++ MINI-SM-BF50+ Datasheet
102Kb / 1P
   Coaxial Adapter, SMA-M to BNC-F
NF-NF50++ MINI-NF-NF50+ Datasheet
119Kb / 1P
   Coaxial Adapter, N-FEM to N-FEM
logo
Advanced Technical Mate...
750-251-XX ATM-750-251-XX Datasheet
85Kb / 1P
   OUTLINE, WRD750 SMA - WAVEGUIDE ADAPTER
580-251-XX ATM-580-251-XX Datasheet
82Kb / 1P
   OUTLINE, WRD580 SMA - WAVEGUIDE ADAPTER
logo
Mini-Circuits
SF-SF50++ MINI-SF-SF50+ Datasheet
132Kb / 1P
   Coaxial Adapter, SMA-F to SMA-F
logo
Winchester Electronics ...
TRU-11222 WINCHESTER-TRU-11222 Datasheet
70Kb / 1P
   CONNECTOR,COAXIAL 2.92MM(F) TO 2.92MM(F) ADAPTER
logo
Glenair, Inc.
M24758-11-16-01 GLENAIR-M24758-11-16-01 Datasheet
78Kb / 2P
   Adapter for Coaxial Connectors
logo
Winchester Electronics ...
TRU-13018 WINCHESTER-TRU-13018 Datasheet
79Kb / 1P
   CONNECTOR, COAXIAL 2.92mm(m) to N(f) ADAPTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com