Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA55H4452M Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # RA55H4452M
Description  RF MOSFET MODULE 440-520MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA55H4452M Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  RA55H4452M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA55H4452M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA55H4452M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA55H4452M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA55H4452M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA55H4452M Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA55H4452M Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA55H4452M Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANCE
RA55H4452M
RA55H4452M
MITSUBISHI ELECTRIC
14 March 2008
2/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
MAXIMUM RATINGS (Tcase=+25°C, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
RATING
UNIT
VDD
Drain Voltage
VGG<5V
17
V
VGG
Gate Voltage
VDD<12.5V, Pin=0mW
6
V
Pin
Input Power
100
MW
Pout
Output Power
f=440-520MHz,
ZG=ZL=50Ω
65
W
Tcase(OP)
Operation Case Temperature Range
-30 to +110
°C
Tstg
Storage Temperature Range
-40 to +110
°C
Note.1.The above parameters are independently guaranteed.
Note.2.In order to keep high reliability of the equipment, it is better to keep the module temperature of the module is
recommended to keep lower than 90°C under all conditions, and to keep lower than 60°C under standard conditions.
ELECTRICAL CHARACTERISTICS (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
f
Frequency Range
440
520
MHz
55 @440-490MHz
Pout
Output Power
45 @491-520MHz
W
43 @440-490MHz
η
T
Total Efficiency
35 @491-520MHz
%
2fo
2
nd Harmonic
-50
dBc
ρ
in
Input VSWR
3:1
IGG
Gate Current
VDD=12.5V,VGG=5V, Pin=50mW
1
mA
Stability
VDD=10.0-15.2V, Pin=25-70mW,
Pout<65W (VGG control), Load VSWR=3:1
No parasitic oscillation
Load VSWR Tolerance
VDD=15.2V, Pin=50mW, Load VSWR=20:1
Pout=55W (VGG control)@440-490MHz
Pout=45W (VGG control)@491-520MHz
No degradation or
destroy
Note. All parameters, conditions, ratings, and limits are subject to change without notice.


Similar Part No. - RA55H4452M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA55H4452M MITSUBISHI-RA55H4452M Datasheet
102Kb / 9P
   440-520MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4452M MITSUBISHI-RA55H4452M Datasheet
258Kb / 9P
   RoHS Compliance , 440-520MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4452M-101 MITSUBISHI-RA55H4452M-101 Datasheet
102Kb / 9P
   440-520MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4452M-101 MITSUBISHI-RA55H4452M-101 Datasheet
258Kb / 9P
   RoHS Compliance , 440-520MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4452M-101 MITSUBISHI-RA55H4452M-101 Datasheet
258Kb / 9P
   Broadband Frequency Range
More results

Similar Description - RA55H4452M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA55H4452M MITSUBISHI-RA55H4452M_10 Datasheet
102Kb / 9P
   440-520MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4452M MITSUBISHI-RA55H4452M_11 Datasheet
258Kb / 9P
   RoHS Compliance , 440-520MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA60H4452M1 MITSUBISHI-RA60H4452M1_08 Datasheet
175Kb / 9P
   RF MOSFET MODULE 440-520MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA45H4452M MITSUBISHI-RA45H4452M_10 Datasheet
101Kb / 9P
   440-520MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3847M MITSUBISHI-RA55H3847M Datasheet
185Kb / 8P
   RF MOSFET MODULE 380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4047M MITSUBISHI-RA55H4047M Datasheet
95Kb / 8P
   RF MOSFET MODULE 400-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA60H4452M1 MITSUBISHI-RA60H4452M1_11 Datasheet
243Kb / 9P
   440-520MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M_10 Datasheet
93Kb / 9P
   440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA45H4452M MITSUBISHI-RA45H4452M_06 Datasheet
246Kb / 8P
   RoHS Compliance , 440-520MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4452M MITSUBISHI-RA45H4452M_11 Datasheet
256Kb / 9P
   RoHS Compliance , 440-520MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com